Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8051 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TDA8051
Descripción Electrónicos  QPSK receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8051 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8051 Datasheet HTML 1Page - NXP Semiconductors TDA8051 Datasheet HTML 2Page - NXP Semiconductors TDA8051 Datasheet HTML 3Page - NXP Semiconductors TDA8051 Datasheet HTML 4Page - NXP Semiconductors TDA8051 Datasheet HTML 5Page - NXP Semiconductors TDA8051 Datasheet HTML 6Page - NXP Semiconductors TDA8051 Datasheet HTML 7Page - NXP Semiconductors TDA8051 Datasheet HTML 8Page - NXP Semiconductors TDA8051 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1999 Aug 20
4
Philips Semiconductors
Product specification
QPSK receiver
TDA8051
PINNING
SYMBOL
PIN
DESCRIPTION
I_OUT
1
I data buffered balanced output
I_OUTC
2
I data buffered balanced output
I_OUT2
3
I data filtered output
I_IN1
4
input to active filter amplifier for
I data
I_OUT1
5
I data raw output
A1VCC
6
analog supply voltage 1
DEMOD_IN
7
demodulator RF input
LNA_OUT
8
low noise amplifier RF output
LNA_IN
9
low noise amplifier RF input
A1GND
10
analog ground 1
AGC_IN
11
AGC control voltage input
OSC_IN
12
oscillator input
DVCC
13
digital supply voltage
CLK
14
3-wire bus serial control clock
DATA
15
3-wire bus serial control data
EN
16
3-wire bus serial control enable
(active LOW)
TEST
17
not connected
CP
18
charge pump output for PLL loop
filter
TUNE
19
tuning voltage output
DGND
20
digital ground
TKB
21
VCO tank circuit input
TKA
22
VCO tank circuit input
A2VCC
23
analog supply voltage 2
A2GND
24
analog ground 2
A3VCC
25
analog supply voltage 3
OUTGND
26
output amplifiers ground
OUTVCC
27
output amplifiers supply voltage
Q_OUT1
28
Q data raw output
Q_IN1
29
input to active filter amplifier for
Q data
Q_OUT2
30
Q data filtered output
Q_OUTC
31
Q data buffered balanced output
Q_OUT
32
Q data buffered balanced output
handbook, halfpage
TDA8051
FCE171
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
I_OUT
I_OUTC
I_OUT2
I_IN1
I_OUT1
A1VCC
DEMOD_IN
LNA_OUT
LNA_IN
A1GND
AGC_IN
OSC_IN
DVCC
CLK
Q_OUT
Q_OUTC
Q_OUT2
Q_IN1
OUTVCC
OUTGND
Q_OUT1
A3VCC
A2GND
A2VCC
TKA
TKB
DGND
TUNE
DATA
EN
CP
TEST
Fig.2 Pin configuration.


Número de pieza similar - TDA8051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8050 PHILIPS-TDA8050 Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
TDA8050T PHILIPS-TDA8050T Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
More results

Descripción similar - TDA8051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
RX-PMQPSK-40 AVAGO-RX-PMQPSK-40 Datasheet
183Kb / 1P
   40 Gb/s PM-QPSK Integrated Coherent Receiver
RX-PMQPSK-100 AVAGO-RX-PMQPSK-100 Datasheet
164Kb / 1P
   100 Gb/s PM-QPSK Integrated Coherent Receiver
logo
STMicroelectronics
STV0288 STMICROELECTRONICS-STV0288 Datasheet
196Kb / 3P
   DVB-S and DIRECTV QPSK receiver with autoscan feature
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com