Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8351AQ Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA8351AQ
Descripción Electrónicos  DC-coupled vertical deflection output circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8351AQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8351AQ Datasheet HTML 5Page - NXP Semiconductors TDA8351AQ Datasheet HTML 6Page - NXP Semiconductors TDA8351AQ Datasheet HTML 7Page - NXP Semiconductors TDA8351AQ Datasheet HTML 8Page - NXP Semiconductors TDA8351AQ Datasheet HTML 9Page - NXP Semiconductors TDA8351AQ Datasheet HTML 10Page - NXP Semiconductors TDA8351AQ Datasheet HTML 11Page - NXP Semiconductors TDA8351AQ Datasheet HTML 12Page - NXP Semiconductors TDA8351AQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Sep 27
9
Philips Semiconductors
Product specification
DC-coupled vertical deflection output
circuit
TDA8351AQ
APPLICATION INFORMATION
handbook, full pagewidth
MGL860
7
V
FEEDBACK
INPUT
3
9
5
deflection coil
AT6005/31
L = 8.63 mH
R = 5.0
4
10
8
1
2
signal
bias
signal
bias
TDA8351A
GND
VI(fB)
VO(A)
VO(B)
I(coil)
RM = 0.7 Ω
VP
VFB
VO(guard)
Idiff
RCON
3 k
Idrive(pos)
Idrive(neg)
II(sb)
II(sb)
100
nF
100
nF
10
nF
10
µF
100
µF
Fig.4 Application diagram.
VP = 14 V; IO(p-p) = 2.14 A; II(sb) = 400 µA; Idiff(p-p) = 500 µA; VFB = 42 V; tFB = 0.6 ms.


Número de pieza similar - TDA8351AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
More results

Descripción similar - TDA8351AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
ILA8351 INTEGRAL-ILA8351 Datasheet
279Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
KODENSHI_AUK CORP.
KKA8356 KODENSHI-KKA8356 Datasheet
189Kb / 5P
   DC-coupled vertical deflection circuit
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
KODENSHI_AUK CORP.
KKA8351 KODENSHI-KKA8351 Datasheet
127Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA8356 PHILIPS-TDA8356 Datasheet
72Kb / 12P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
NTE Electronics
NTE7156 NTE-NTE7156 Datasheet
36Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
logo
NXP Semiconductors
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com