Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL072MDT Datasheet(PDF) 1 Page - STMicroelectronics |
|
TL072MDT Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 16 page March 2007 Rev 4 1/16 16 TL072 TL072A - TL072B Low noise J-FET dual operational amplifiers Features ■ Wide common-mode (up to VCC +) and differential voltage range ■ Low input bias and offset current ■ Low noise en = 15nV/√Hz (typ) ■ Output short-circuit protection ■ High input impedance J–FET input stage ■ Low harmonic distortion: 0.01% (typ) ■ Internal frequency compensation ■ Latch-up free operation ■ High slew rate : 16V/ μs (typ) Description The TL072, TL072A and TL072B are high speed J–FET input dual operational amplifiers incorporating well matched, high voltage J–FET and bipolar transistors in a monolithic integrated circuit. The devices feature high slew rates, low input bias and offset current, and low offset voltage temperature coefficient. N DIP8 (Plastic package) D SO8 (Plastic micropackage) 1 2 3 45 6 7 8 - + - + Pin connections (top view) 1 - Output 1 2 - Inverting input 1 3 - Non-inverting input 1 4 - VCC - 5 - Non-inverting input 2 6 -Inverting input 2 7 - Output 2 8 - VCC + www.st.com |
Número de pieza similar - TL072MDT |
|
Descripción similar - TL072MDT |