Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PSC08-11EWA Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. PSC08-11EWA
Descripción  20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

PSC08-11EWA Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAB3158
REV NO: V.10
DATE:JUN/01/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN:Z.Z.YANG
ERP: 1311000090
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
PSA23-11SRWA
SUPER BRIGHT RED (GaAIAs)
WHITE DIFFUSED
12000
75000
Common Anode, Rt.
Hand Decimal
Description
Note:
1. Luminous Intensity/ Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Red
660
nm
IF=20mA
λD[1]
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF[2]
Forward
Voltage
A1,A2,D1,D2,P,K
Super Bright Red
3.7
V
IF=20mA
B,C,E,F,G,H,J,L,M,N
DP
1.85
2.5
IR
Reverse
Current
A1,A2,D1,D2,P,K
Super Bright Red
10
20
10
uA
VR = 10V
VR = 10V
VR = 5V
B,C,E,F,G,H,J,L,M,N
DP
5.0
Parameter
Super Bright Red
Units
Power dissipation
A1,A2,D1,D2,P,K
150
300
75
mW
B,C,E,F,G,H,J,L,M,N
DP
DC Forward Current
A1,A2,D1,D2,P,K
30
60
30
mA
B,C,E,F,G,H,J,L,M,N
DP
Peak Forward Current [1]
A1,A2,D1,D2,P,K
155
310
155
mA
B,C,E,F,G,H,J,L,M,N
DP
Reverse Voltage
A1,A2,D1,D2,P,K
10
10
5
B,C,E,F,G,H,J,L,M,N
DP
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3-5 Seconds
V
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn