Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SL74LV00 Datasheet(Hoja de datos) 2 Page - System Logic Semiconductor

No. de Pieza. SL74LV00
Descripción  QUAN 2-INPUT NAND GATE
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SLS [System Logic Semiconductor]
Página de inicio  http://www.slsemicon.co.kr/e_index.htm
Logo 

   
 2 page
background image
SL74LV00
2
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (Referenced to GND)
-0.5
÷ +5.0
V
IIK *
1
DC input diode current
±20
mA
IOK *
2
DC output diode current
±50
mA
IO *
3
DC output source or sink current
-bus driver outputs
±25
mA
ICC
DC VCC current for types with
- bus driver outputs
±50
mA
IGND
DC GND current for types with
- bus driver outputs
±50
mA
PD
Power dissipation per package, plastic DIP+
SOIC package+
750
500
mW
Tstg
Storage temperature
-65
÷ +150
°C
TL
Lead temperature, 1.5 mm from Case for 10 seconds
(Plastic DIP ), 0.3 mm (SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SOIC Package: : - 8 mW/
°C from 70° to 125°C
*
1: V
I
< -0.5 or V
I
> V
CC+0.5V
*
2: Vo
< -0.5 or Vo > V
CC+0.5V
*
3: -0.5V
< Vo < V
CC+0.5V
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
1.2
3.6
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tr, tf
Input Rise and Fall Time
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
0
0
0
1000
700
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.




Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV38_04TinyLogic ULP-A 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
HD74LVC2G00Dual 2-Input NAND Gate 1 2 3 4 5 MoreRenesas Technology Corp
MC74LCX00_05Low-Voltage CMOS Quad 2-Input NAND Gate 1 2 3 4 5 MoreON Semiconductor
NC7SP38TinyLogic ULP 2-Input NAND Gate Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor
NC7WZ38_05TinyLogic UHS Dual 2-Input NAND Gate Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74VCX00_05Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX38_05Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
NC7SP38_04TinyLogic ULP 2-Input NAND Gate Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl