Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZP96 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

No. de pieza AZP96
Descripción Electrónicos  ECL/PECL Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZM [Arizona Microtek, Inc]
Página de inicio  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP96 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZP96 Datasheet HTML 1Page - Arizona Microtek, Inc AZP96 Datasheet HTML 2Page - Arizona Microtek, Inc AZP96 Datasheet HTML 3Page - Arizona Microtek, Inc AZP96 Datasheet HTML 4Page - Arizona Microtek, Inc AZP96 Datasheet HTML 5Page - Arizona Microtek, Inc AZP96 Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AZP96
ECL/PECL Differential Receiver
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Green and RoHS Compliant / Lead (Pb)
Free Package available
250ps Propagation Delay
High Bandwidth Output Transitions
Operating Range of 3.0V to 5.5V
Minimized Input Loading
IBIS Model File Available on Arizona
Microtek Website
DESCRIPTION
The AZP96 is a differential receiver without the input clamping networks found on similar devices such as the
AZ100LVEL16. This makes it especially useful as a buffer when input loading effects must be minimized. Removal
of the input clamping network means that the output state will be undefined if both inputs are left open.
The AZP96 provides a VBB output for single-ended use or a DC bias reference for AC coupling to the device.
For single-ended input applications, the VBB reference should be connected to one side of the D/D
¯ differential input
pair. The input signal is then fed to the other D/D
¯ input. The VBB pin can support 1.5 mA sink/source current. When
used, the VBB pin should be bypassed to ground via a 0.01 μF capacitor.
NOTE: Specifications in the ECL/PECL/LVPECL tables are valid when thermal equilibrium is established.
PIN DESCRIPTION
PIN
FUNCTION
D, D
¯
Data Inputs
Q, Q
¯
Data Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
MLP 8 (2x2)
Green / RoHS
Compliant / Lead
(Pb) Free
AZP96NG
Q1G
<Date Code>
1,2
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts)
Tape & Reel.
2
Date code format: “Y” for year followed by “WW” for week.
AZP96N
MLP 8, 2x2 mm
D
4
3
2
1
6
5
8
7
VBB
Q
VCC
NC
Q
VEE
D
TOP VIEW
Bottom Center Pad may be left open or tied to VEE.


Número de pieza similar - AZP96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96NG AZM-AZP96NG Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96NG AZM-AZP96NG Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
More results

Descripción similar - AZP96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arizona Microtek, Inc
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com