Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8540 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA8540
Descripción Electrónicos  4 X 4 video switch matrix
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8540 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8540 Datasheet HTML 1Page - NXP Semiconductors TDA8540 Datasheet HTML 2Page - NXP Semiconductors TDA8540 Datasheet HTML 3Page - NXP Semiconductors TDA8540 Datasheet HTML 4Page - NXP Semiconductors TDA8540 Datasheet HTML 5Page - NXP Semiconductors TDA8540 Datasheet HTML 6Page - NXP Semiconductors TDA8540 Datasheet HTML 7Page - NXP Semiconductors TDA8540 Datasheet HTML 8Page - NXP Semiconductors TDA8540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1995 Feb 06
3
Philips Semiconductors
Product specification
4
× 4 video switch matrix
TDA8540
BLOCK DIAGRAM
handbook, full pagewidth
PEAK-
CLAMP
PEAK-
CLAMP
PEAK-
CLAMP/
BIAS
SUPPLY
PEAK-
CLAMP/
BIAS
DECODER
1 OF 4
DECODER
1 OF 4
DECODER
1 OF 4
DECODER
1 OF 4
SWITCH MATRIX
DRIVER
3
DRIVER
2
DRIVER
1
DRIVER
0
IN3
IN2
IN1
IN0
VCC
12
10
8
6
13
20
9
11
7
5
18
19
DGND
AGND
S0
S1
S2
SCL
SDA
3
1
14
16
17
2
OUT3
OUT2
OUT1
OUT0
D1
D0
VCC(D0,1)
VCC(D2,3)
4
15
I2C RECEIVER
MLA279 - 2
TDA8540
EN0 to EN3
4
GAIN
GAIN
GAIN
GAIN
G0 to G3
4
2
2
2
2
4
4
4
4
2
CL0 to CL1
power reset
Fig.1 Block diagram.


Número de pieza similar - TDA8540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541T PHILIPS-TDA8541T Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
More results

Descripción similar - TDA8540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JFW Industries, Inc.
50MS-367 JFW-50MS-367 Datasheet
37Kb / 2P
   4 X 4 BLOCKING ELECTRO-MECHANICAL MATRIX SWITCH
50MS-367 JFW-50MS-367_17 Datasheet
37Kb / 2P
   4 X 4 BLOCKING ELECTRO-MECHANICAL MATRIX SWITCH
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
NEC
UPD5715GR NEC-UPD5715GR Datasheet
284Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
JFW Industries, Inc.
50MS-337 JFW-50MS-337_18 Datasheet
32Kb / 2P
   24 X 4 BLOCKING SOLID STATE MATRIX SWITCH
logo
NEC
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
STMicroelectronics
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com