Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC551802EMB713 Datasheet(PDF) 2 Page - Microchip Technology

No. de pieza TC551802EMB713
Descripción Electrónicos  1 關A Low Dropout Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC551802EMB713 Datasheet(HTML) 2 Page - Microchip Technology

  TC551802EMB713 Datasheet HTML 1Page - Microchip Technology TC551802EMB713 Datasheet HTML 2Page - Microchip Technology TC551802EMB713 Datasheet HTML 3Page - Microchip Technology TC551802EMB713 Datasheet HTML 4Page - Microchip Technology TC551802EMB713 Datasheet HTML 5Page - Microchip Technology TC551802EMB713 Datasheet HTML 6Page - Microchip Technology TC551802EMB713 Datasheet HTML 7Page - Microchip Technology TC551802EMB713 Datasheet HTML 8Page - Microchip Technology TC551802EMB713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC55
DS21435F-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Input Voltage ........................................................+12V
Output Current (Continuous) ......... PD/(VIN – VOUT)mA
Output Current (peak) ..................................... 500 mA
Output Voltage.................. (VSS – 0.3V) to (VIN + 0.3V)
Continuous Power Dissipation:
3-Pin SOT-23A ..........................................240 mW
3-Pin SOT-89 ............................................500 mW
3-Pin TO-92...............................................440 mW
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
PIN FUNCTION TABLE
TC55RP50: ELECTRICAL CHARACTERISTICS
TC55RP40: ELECTRICAL CHARACTERISTICS
Symbol
Description
GND
Ground Terminal
VOUT
Regulated Voltage Output
VIN
Unregulated Supply Input
Electrical Specifications: Unless otherwise specified, VOUT(S) = 5.0V, TA = +25°C (see Note 1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Output Voltage
VOUT(A)
4.90
5.0
5.10
V
IOUT = 40 mA
VIN = 6.0V
Maximum Output Current
IOUTMAX
250
mA
VIN = 6.0V, VOUT(A) ≥ 4.5V
Load Regulation
ΔVOUT
—40
80
mV
VIN = 6.0V, 1 mA ≤ IOUT ≤ 100 mA
I/O Voltage Difference
VDIF
120
380
300
600
mV
IOUT = 100 mA
IOUT = 200 mA
Current Consumption
ISS
—1.1
3.0
µA
VIN = 6.0V
Voltage Regulation
VOUT(A)•100
ΔVIN•VOUT(S)
—0.2
0.3
%/V
IOUT = 40 mA, 6.0V ≤ VIN ≤ 10.0V
Input Voltage
VIN
——
10
V
Temperature Coefficient of Output
Voltage
ΔVOUT(A)•106
VOUT(S)•ΔTA
±100
ppm/°C IOUT = 40 mA, -40°C ≤ TA ≤ +85°C
Long-Term Stability
0.5
%
TA = +125°C, 1000 Hours
Note
1:
VOUT(S): Preset value of output voltage; VOUT(A): Actual value of output voltage; VDIF: Definition of I/O voltage
difference = {VIN1 – VOUT(A)}; VOUT(A): Output voltage when IOUT is fixed and VIN = VOUT(S) + 1.0V; VIN1: Input voltage
when the output voltage is 98% VOUT(A).
Electrical Specifications: Unless otherwise specified, VOUT(S) = 4.0V, TA = +25°C (see Note 1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Output Voltage
VOUT(A)
3.92
4.0
4.08
VIOUT = 40 mA
VIN = 5.0V
Maximum Output Current
IOUTMAX
200
mA
VIN = 5.0V, VOUT(A) ≥ 3.6V
Load Regulation
ΔVOUT
—45
90
mV
VIN = 5.0V, 1 mA ≤ IOUT ≤ 100 mA
I/O Voltage Difference
VDIF
170
400
330
630
mV
IOUT = 100 mA
IOUT = 200 mA
Current Consumption
ISS
—1.0
2.9
µA
VIN = 5.0V
Voltage Regulation
VOUT(A)•100
ΔVIN•VOUT(S)
—0.2
0.3
%/V
IOUT = 40 mA, 5.0V ≤ VIN ≤ 10.0V
Input Voltage
VIN
——
10
V
Temperature Coefficient of Output
Voltage
ΔVOUT(A)•106
VOUT(S)•ΔTA
±100
ppm/°C IOUT = 40 mA, -40°C ≤ TA ≤ +85°C
Long-Term Stability
0.5
%
TA = +125°C, 1000 Hours
Note
1:
VOUT(S): Preset value of output voltage; VOUT(A): Actual value of output voltage; VDIF: Definition of I/O voltage
difference = {VIN1 – VOUT(A)}; VOUT(A): Output voltage when IOUT is fixed and VIN = VOUT(S) + 1.0V; VIN1: Input voltage
when the output voltage is 98% VOUT(A).


Número de pieza similar - TC551802EMB713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC5518CF TOSHIBA-TC5518CF Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
TC5518CF-15 TOSHIBA-TC5518CF-15 Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
TC5518CF-20 TOSHIBA-TC5518CF-20 Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
TC5518CFL TOSHIBA-TC5518CFL Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
TC5518CFL-15 TOSHIBA-TC5518CFL-15 Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
More results

Descripción similar - TC551802EMB713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
   2 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com