Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8565Q Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TDA8565Q
Descripción Electrónicos  4 x 12 W single-ended car radio power amplifier with diagnostic interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8565Q Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8565Q Datasheet HTML 1Page - NXP Semiconductors TDA8565Q Datasheet HTML 2Page - NXP Semiconductors TDA8565Q Datasheet HTML 3Page - NXP Semiconductors TDA8565Q Datasheet HTML 4Page - NXP Semiconductors TDA8565Q Datasheet HTML 5Page - NXP Semiconductors TDA8565Q Datasheet HTML 6Page - NXP Semiconductors TDA8565Q Datasheet HTML 7Page - NXP Semiconductors TDA8565Q Datasheet HTML 8Page - NXP Semiconductors TDA8565Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1995 Dec 08
4
Philips Semiconductors
Product specification
4
× 12 W single-ended car radio
power amplifier with diagnostic interface
TDA8565Q
PINNING
SYMBOL
PIN
DESCRIPTION
IN1
1
input 1
SGND
2
signal ground
IN2
3
input 2
SVRR
4
supply voltage ripple rejection
VP1
5
supply voltage 1
OUT1
6
output 1
GND1
7
power ground 1
OUT2
8
output 2
n.c.
9
not connected
OUT3
10
output 3
GND2
11
power ground 2
OUT4
12
output 4
VP2
13
supply voltage 2
MODE
14
mode select switch input
IN3
15
input 3
VDIAG
16
diagnostic output
IN4
17
input 4
Fig.2 Pin configuration.
dbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
TDA8565Q
IN1
SGND
IN2
SVRR
OUT1
GND1
OUTP2
n.c.
OUT3
GND2
OUTP4
V
MODE
IN3
DIAG
IN4
P2
V P1
MLC393
V
FUNCTIONAL DESCRIPTION
The TDA8565Q contains four identical amplifiers which
can be used for single-ended applications. The gain of
each amplifier is fixed at 40 dB. Special features of the
device are as follows.
Mode select switch (pin 14)
• Low standby current (<100 µA)
• Low switching current (low cost supply switch)
• Mute facility.
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
≥100 ms (charging of the input
capacitors at pins 1, 3, 15 and 17).
This can be achieved by:
• Microcontroller control
• External timing circuit (see Fig.3).
The circuit in Fig.3 slowly ramps up the voltage at the
mode select switch pin when switching on and results in
fast muting when switching off.
In the event of fast switching at mode select pin it is
advised to increase the 1
2VP decoupling capacitor (pin 4)
to 150
µF to avoid switch plops.
Fig.3 Mode select switch circuitry.
handbook, halfpage
100 k
MGA708
47
µF
10 k
100
mode
select
switch
VP


Número de pieza similar - TDA8565Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Descripción similar - TDA8565Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com