Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

93LC56 Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza 93LC56
Descripción Electrónicos  1K/2K/4K 2.5V Microwire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC56 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 93LC56 Datasheet HTML 6Page - Microchip Technology 93LC56 Datasheet HTML 7Page - Microchip Technology 93LC56 Datasheet HTML 8Page - Microchip Technology 93LC56 Datasheet HTML 9Page - Microchip Technology 93LC56 Datasheet HTML 10Page - Microchip Technology 93LC56 Datasheet HTML 11Page - Microchip Technology 93LC56 Datasheet HTML 12Page - Microchip Technology 93LC56 Datasheet HTML 13Page - Microchip Technology 93LC56 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
93LC46/56/66
DS21712B-page 10
 2004 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Chip Select (CS)
A high level selects the device. A low level deselects
the device and forces it into Standby mode. However, a
programming cycle which is already initiated and/or in
progress will be completed, regardless of the CS input
signal. If CS is brought low during a program cycle, the
device will go into Standby mode as soon as the
programming cycle is completed.
CS must be low for 250 ns minimum (TCSL) between
consecutive instructions. If CS is low, the internal
control logic is held in a Reset status.
3.2
Serial Clock (CLK)
The serial clock is used to synchronize the communica-
tion between a master device and the 93LC46/56/66.
Opcode, address and data bits are clocked in on the
positive edge of CLK. Data bits are also clocked out on
the positive edge of CLK.
CLK can be stopped anywhere in the transmission
sequence (at high or low level) and can be continued
anytime with respect to clock high time (TCKH) and
clock low time (TCKL). This gives the controlling master
freedom in preparing opcode, address and data.
CLK is a “don't care” if CS is low (device deselected). If
CS is high, but Start condition has not been detected,
any number of clock cycles can be received by the
device without changing its status (i.e., waiting for Start
condition).
CLK cycles are not required during the self-timed write
(i.e., auto erase/write) cycle.
After detection of a Start condition the specified number
of clock cycles (respectively low-to-high transitions of
CLK) must be provided. These clock cycles are required
to clock in all required opcode, address and data bits
before an instruction is executed (see instruction set
truth table). CLK and DI then become “don't care” inputs
waiting for a new Start condition to be detected.
3.3
Data In (DI)
Data In is used to clock in a Start bit, opcode, address
and data synchronously with the CLK input.
3.4
Data Out (DO)
Data Out is used in the Read mode to output data syn-
chronously with the CLK input (TPD after the positive
edge of CLK).
This pin also provides Ready/Busy status information
during erase and write cycles. Ready/Busy status infor-
mation is available on the DO pin if CS is brought high
after being low for minimum chip select low time (TCSL)
and an erase or write operation has been initiated.
The Status signal is not available on DO, if CS is held
low or high during the entire write or erase cycle. In all
other cases DO is in the High-Z mode. If status is
checked after the write/erase cycle, a pull-up resistor
on DO is required to read the Ready signal.
3.5
Organization (ORG)
When ORG is connected to VCC, the (x16) memory
organization is selected. When ORG is tied to VSS, the
(x8) memory organization is selected. ORG can only be
floated for clock speeds of 1 MHz or less for the (x16)
memory organization. For clock speeds greater than
1 MHz, ORG must be tied to VCC or VSS.
Name
PDIP
SOIC
ROTATED
TSSOP
Description
CS
1
1
3
Chip Select
CLK
2
2
4
Serial Data Clock
DI
3
3
5
Serial Data Input
DO
4
4
6
Serial Data Output
VSS
5
5
7
Ground
ORG
6
6
8
Memory Configuration
NU
7
7
1
Not Utilized
Vcc
8
8
2
+1.8V to 5.5V Power Supply
Note:
CS must go low between consecutive
instructions.


Número de pieza similar - 93LC56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
93LC56 MICROCHIP-93LC56 Datasheet
222Kb / 12P
   1K/2K/4K 2.0V Microwire Serial EEPROM
2004
93LC56 MICROCHIP-93LC56 Datasheet
103Kb / 22P
   Lowpower 3-wire non-volatile memories
1994 - 2002
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
More results

Descripción similar - 93LC56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46_12 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com