Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC-08ED Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza DAC-08ED
Descripción Electrónicos  8?묪it High?뭆peed Multiplying D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08ED Datasheet(HTML) 5 Page - ON Semiconductor

  DAC-08ED Datasheet HTML 1Page - ON Semiconductor DAC-08ED Datasheet HTML 2Page - ON Semiconductor DAC-08ED Datasheet HTML 3Page - ON Semiconductor DAC-08ED Datasheet HTML 4Page - ON Semiconductor DAC-08ED Datasheet HTML 5Page - ON Semiconductor DAC-08ED Datasheet HTML 6Page - ON Semiconductor DAC-08ED Datasheet HTML 7Page - ON Semiconductor DAC-08ED Datasheet HTML 8Page - ON Semiconductor DAC-08ED Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
DAC−08C
DAC−08E
DAC−08H
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Settling Time
tS
To
"1/2LSB, All
Bits Switched On or
Off, Tamb = 25°C
70
135
70
135
70
135
ns
Propagation Delay
ns
Low-to-High
tPLH
Tamb = 25°C,
Each Bit
High-to-Low
tPHL
All Bits Switched
35
60
35
60
35
60
TEST CIRCUITS
CONTROL
LOGIC
DAC-08
REFERENCE DAC
ACCURACY > 0.006%
NE5534
ERROR
OUTPUT
V−
V+
+
16
14
15
5-12
1
2
4
13
3
VREF
RREF
Rf
R15
Figure 2. Relative Accuracy Test Circuit
FOR SETTLING TIME
MEASUREMENT
(ALL BITS
SWITCHED LOW
TO HIGH)
USE RL to GND
FOR TURN OFF
MEASUREMENT
SETTLING TIME
TRANSIENT
RESPONSE
eIN
2.4 V
0.4 V
1.0 V
0
0
-100 mV
1.4 V
RL = 500 W
RL = 50 W
PIN 4 TO GND
tS = 70 ns TYPICAL
TO
±1/2 LSB
tPHL = tPLH = 10 ns
tPHL
tPLH
CO ≤ 25 pF
15 pF
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VEE
VCC
eIN
eO
0.1
mF
0.1
mF
0.1
mF
RL
+2.0 VDC
1.0 k
W
1.0 k
W
51
W
Figure 3. Transient Response and Settling Time


Número de pieza similar - DAC-08ED

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC-08ED PHILIPS-DAC-08ED Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
More results

Descripción similar - DAC-08ED

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com