Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC12C67X Datasheet(PDF) 100 Page - Microchip Technology

No. de pieza PIC12C67X
Descripción Electrónicos  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C67X Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC12C67X Datasheet HTML 96Page - Microchip Technology PIC12C67X Datasheet HTML 97Page - Microchip Technology PIC12C67X Datasheet HTML 98Page - Microchip Technology PIC12C67X Datasheet HTML 99Page - Microchip Technology PIC12C67X Datasheet HTML 100Page - Microchip Technology PIC12C67X Datasheet HTML 101Page - Microchip Technology PIC12C67X Datasheet HTML 102Page - Microchip Technology PIC12C67X Datasheet HTML 103Page - Microchip Technology PIC12C67X Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 129 page
background image
PIC12C67X
DS30561B-page 100
© 1999 Microchip Technology Inc.
12.6
Timing Diagrams and Specifications
FIGURE 12-5: EXTERNAL CLOCK TIMING
TABLE 12-1:
CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
FOSC
External CLKIN Frequency
(Note 1)
DC
4
MHz
XT and EXTRC osc mode
DC
4
MHz
HS osc mode (PIC12CE67X-04)
DC
10
MHz
HS osc mode (PIC12CE67X-10)
DC
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
4
MHz
EXTRC osc mode
.455
4
MHz
XT osc mode
4
4
MHz
HS osc mode (PIC12CE67X-04)
4
10
MHz
HS osc mode (PIC12CE67X-10)
5
200
kHz
LP osc mode
1TOSC
External CLKIN Period
(Note 1)
250
ns
XT and EXTRC osc mode
250
ns
HS osc mode (PIC12CE67X-04)
100
ns
HS osc mode (PIC12CE67X-10)
5—
µs
LP osc mode
Oscillator Period
(Note 1)
250
ns
EXTRC osc mode
250
10,000
ns
XT osc mode
250
250
ns
HS osc mode (PIC12CE67X-04)
100
250
ns
HS osc mode (PIC12CE67X-10)
5—
µsLP osc mode
2TCY
Instruction Cycle Time (Note 1)
400
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1) High
or Low Time
50
ns
XT oscillator
2.5
µs
LP oscillator
10
ns
HS oscillator
4TosR,
TosF
External Clock in (OSC1) Rise
or Fall Time
25
ns
XT oscillator
50
ns
LP oscillator
15
ns
HS oscillator
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are based
on characterization data for that particular oscillator type under standard operating conditions with the device exe-
cuting code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than
expected current consumption. All devices are tested to operate at "min." values with an external clock applied to
the OSC1/CLKIN pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices. OSC2 is discon-
nected (has no loading) for the PIC12C67X.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4


Número de pieza similar - PIC12C67X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
More results

Descripción similar - PIC12C67X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
   8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
National Semiconductor ...
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com