Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1313-AJ2EMFTR Datasheet(PDF) 3 Page - Microchip Technology |
|
TC1313-AJ2EMFTR Datasheet(HTML) 3 Page - Microchip Technology |
3 / 28 page © 2005 Microchip Technology Inc. DS21974A-page 3 TC1313 Typical Application Circuits 10-Lead DFN 1 2 6 8 7 9 10 5 4 3 SHDN2 VIN2 VOUT2 AGND PGND LX VIN1 SHDN1 VOUT1 NC 4.7 µF Input Voltage 4.7 µH 4.7 µF 2.1V @ 1µF 3.3V @ 4.5V to 5.5V Adjustable-Output Application 121 k Ω 200 k Ω 4.99 kΩ 33 pF 1 2 6 8 7 9 10 5 4 3 SHDN2 VIN2 VOUT2 AGND PGND LX VIN1 SHDN1 VOUT1 NC 4.7 µF 4.7 µH 4.7 µF 1.5V @ 500 mA 1µF 2.5V @ 300 mA 2.7V to 4.2V TC1313 VOUT1 VOUT2 VIN VOUT1 VOUT2 1.0 µF *Optional Capacitor VIN2 300 mA 500 mA Note: Connect DFN package exposed pad to AGND. 10-Lead MSOP Fixed-Output Application TC1313 Note |
Número de pieza similar - TC1313-AJ2EMFTR |
|
Descripción similar - TC1313-AJ2EMFTR |