Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8722T Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA8722T
Descripción Electrónicos  I2C-bus programmable modulator for negative video modulation and FM sound
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8722T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8722T Datasheet HTML 3Page - NXP Semiconductors TDA8722T Datasheet HTML 4Page - NXP Semiconductors TDA8722T Datasheet HTML 5Page - NXP Semiconductors TDA8722T Datasheet HTML 6Page - NXP Semiconductors TDA8722T Datasheet HTML 7Page - NXP Semiconductors TDA8722T Datasheet HTML 8Page - NXP Semiconductors TDA8722T Datasheet HTML 9Page - NXP Semiconductors TDA8722T Datasheet HTML 10Page - NXP Semiconductors TDA8722T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1998 Jun 23
7
Philips Semiconductors
Product specification
I2C-bus programmable modulator for
negative video modulation and FM sound
TDA8722
Table 1
Data format; notes 1 and 2
Notes
1. The 10 programmable bits of N are: b2 to b11.
2. Internal hardware sets: b1 = 0 and b0 = 1.
3. T0, T1 and T2 are bits used for test purposes (see Table 5).
4. P0 is a bit used for controlling the state of the output Port (see Table 6).
Table 2
Structure of the dividing number N
Notes
1. Bits b2 to b11 are programmable and represent the integer part of the frequency in MHz. Bits b1 and b0 are fixed
internally to b1 = 0 and b0 = 1 to get the added 0.25 MHz, common for most TV channels.
2. Bits b1 and b0 are not programmable.
3. fosc = 512b11 + 256b10 + 128b9 + 64b8 + 32b7 + 16b6 + 8b5 + 4b4 + 2b3 + b2 + 0.25 (MHz).
Table 3
Dividing number N for programming channel 21 (471.25 MHz)
Notes
1. Bits b1 and b0 are not programmable.
2. fosc =0+256 +128 +64+0+16+0+4+2+1+ 0.25 (MHz) = 471.25 MHz.
Table 4
Content of the data bytes to program channel 21 (471.25 MHz)
It is possible to change only one data byte. The circuit will recognize which one is received with the value of MSB
(0 for data byte 1 and 1 for data byte 2). It is possible to change the frequency by 1 MHz with data byte 2. It is easy to
increment the channel frequency when its frequency width is 8 MHz by simply incrementing data byte 1.
BYTE
BIT 7
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
ACKNOWLEDGE BIT
Address byte C8
1
1
0
0
1
0
0
0
ACK
Data byte 1
0
b11
b10
b9
b8
b7
b6
b5
ACK
Data byte 2
1
T0(3)
T1(3)
T2(3)
P0(4)
b4
b3
b2
ACK
RESULT
BITS(1)
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1(2)
b0(2)
Frequency (MHz)(3)
512
256
128
64
32
16
8421
0.5
0.25
RESULT
BITS
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1(1)
b0(1)
Value
011101011101
Frequency (MHz)(2)
0
256
128
64
0
16
04210
0.25
BYTE
BIT 7
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
ACKNOWLEDGE BIT
Address byte C8
1
1
0
0
1
0
0
0
ACK
Data byte 1
0
0
1
1
1
0
1
0
ACK
Data byte 2
1
0
0
0
0
1
1
1
ACK


Número de pieza similar - TDA8722T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8725T PHILIPS-TDA8725T Datasheet
102Kb / 10P
   Antenna signal processor
1995 Mar 21
More results

Descripción similar - TDA8722T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
logo
Siemens Semiconductor G...
TDA5666-5 SIEMENS-TDA5666-5 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
logo
NXP Semiconductors
TDA8822 PHILIPS-TDA8822 Datasheet
187Kb / 28P
   Universal I2C-bus programmable RF modulator
1997 Jan 08
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
Siemens Semiconductor G...
TBA130-2 SIEMENS-TBA130-2 Datasheet
403Kb / 13P
   FM SOUND IF FOR TELEVISION APPLICATIONS WITH IC BUS AND SCART
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com