Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK17TA8-RF25 Datasheet(PDF) 26 Page - Simtek Corporation

No. de pieza STK17TA8-RF25
Descripción Electrónicos  128Kx8 Autostore nvSRAM With Real-Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIMTEK [Simtek Corporation]
Página de inicio  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17TA8-RF25 Datasheet(HTML) 26 Page - Simtek Corporation

Back Button STK17TA8-RF25 Datasheet HTML 20Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 21Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 22Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 23Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 24Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 25Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 26Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 27Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 28Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
March 2007
Document Control #ML0025 Rev 1.5
STK17TA8
Document Revision History
Rev
Date
Change
0.0
February 2003
Publish New Datasheet
0.1
March 2003
Remove 525 mil SOIC, Add 48-pin SSOP and 40-pin DIP packages,
Modify block diagram in AutoStore description section
0.2
June 2003
Modify 600 mil DIP pin-out (switch pins 32 and 33), Update Power-up
Recall specs, Update Software Controlled Store/Recall Cycle, Added
Hardware Store Description, Modified Mode Selection Table, Updated
VSWITCH, Updated tSTORE, Modify IBAK and VBAK
0.3
February 2004
Change part number from STK17CA8 to STK17TA8; Add lead-free fin-
ish option
1.0
December 2004
1.1
April 2005
Changed RTC Register unused bits “X” to require zero “0” value when
writing values
Parameter
Old Value
New Value
Notes
VCAP Min
10uF
17uF
tVCCRISE
NA
150 us
New Spec
ICC1 Max Com.
35 mA
50 mA
45 ns access
ICC1 Max Com.
40 mA
55 mA
35 ns access
ICC1 Max Com.
50 mA
65 mA
25 ns access
ICC1 Max Ind.
35 mA
55 mA
45 ns access
ICC1 Max Ind.
45 mA
60 mA
35 ns access
ICC1 Max Ind.
55 mA
70 mA
25 ns access
ICC2 Max
1.5 mA
3.0 mA
Com. & Ind.
ICC4 Max
0.5 mA
3.0 mA
Com. & Ind.
tHRECALL
5 ms
20 ms
tSTORE
10 ms
12.5 ms
tRECALL
20 us
40 us
tGLQV
10 ns
12 ns
25 ns device


Número de pieza similar - STK17TA8-RF25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK17TA8-RF25 ETC-STK17TA8-RF25 Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25 CYPRESS-STK17TA8-RF25 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17TA8-RF25I ETC-STK17TA8-RF25I Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Descripción similar - STK17TA8-RF25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com