Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8785H Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA8785H
Descripción Electrónicos  8-bit high-speed analog-to-digital converter with gain and offset controls
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8785H Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8785H Datasheet HTML 1Page - NXP Semiconductors TDA8785H Datasheet HTML 2Page - NXP Semiconductors TDA8785H Datasheet HTML 3Page - NXP Semiconductors TDA8785H Datasheet HTML 4Page - NXP Semiconductors TDA8785H Datasheet HTML 5Page - NXP Semiconductors TDA8785H Datasheet HTML 6Page - NXP Semiconductors TDA8785H Datasheet HTML 7Page - NXP Semiconductors TDA8785H Datasheet HTML 8Page - NXP Semiconductors TDA8785H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Dec 18
2
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
with gain and offset controls
TDA8785
FEATURES
• 8-bit analog-to-digital converter (ADC)
• 8-bit digital-to-analog converter (DAC)
• Sampling rate up to 30 Msps for both ADC and DAC
• Binary or two’s complement 3-state TTL outputs
• TTL compatible inputs and outputs
• 100 MHz variable gain amplifier (0 to 20 dB) externally
controlled
• All analog inputs and outputs are differential (can also
be used in single-ended format)
• Analog input signal from 0.1 to 1.0 V (p-p) differential
• Offset amplifier with:
– Slow offset control (
±250 mV)
– Fast offset control (
±500 mV) eventually driven by
internal DAC.
• ADC output code of 8 (typ.) when analog input signal
and offset correction inputs are 0 V
• Gain, slow offset control inputs and DAC output swing
of 1.5 V (p-p) range (2.75
±0.75 V)
• 2.75 V reference voltage
• Internal references for ADC and DAC.
APPLICATIONS
• CCD type of systems
• Scanner
• Copier
• Video acquisition.
GENERAL DESCRIPTION
The TDA8785 is an 8-bit analog-to-digital converter with
gain and offset controls for the input signal. An internal
8-bit DAC provides fast offsets control.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA1
analog supply voltage 1
4.75
5.0
5.25
V
VCCA2
analog supply voltage 2
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
TTL output supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
80
mA
ICCD
digital supply current
30
mA
ICCO
TTL output supply current
9
mA
INL
integral non-linearity
0 to 20 dB gain; ramp input
−±0.7
±1.8
LSB
DNL
differential non-linearity
0 to 20 dB gain; ramp input
−±0.2
±0.7
LSB
fclk(max)
maximum clock frequency
ADC and DAC
30
−−
MHz
B
controlled gain amplifier
bandwidth
100
MHz
Ptot
total power dissipation
600
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8785H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm); body 10
× 10 × 1.75 mm SOT307-2


Número de pieza similar - TDA8785H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Descripción similar - TDA8785H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com