Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8822 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA8822
Descripción Electrónicos  Universal I2C-bus programmable RF modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8822 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8822 Datasheet HTML 1Page - NXP Semiconductors TDA8822 Datasheet HTML 2Page - NXP Semiconductors TDA8822 Datasheet HTML 3Page - NXP Semiconductors TDA8822 Datasheet HTML 4Page - NXP Semiconductors TDA8822 Datasheet HTML 5Page - NXP Semiconductors TDA8822 Datasheet HTML 6Page - NXP Semiconductors TDA8822 Datasheet HTML 7Page - NXP Semiconductors TDA8822 Datasheet HTML 8Page - NXP Semiconductors TDA8822 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1997 Jan 08
2
Philips Semiconductors
Preliminary specification
Universal I2C-bus programmable RF
modulator
TDA8822
FEATURES
• 5 V power supply
• Video amplifier with clamp and white clip circuits
• Programmable video modulation depth
• FM sound modulator (4.5, 5.5, 6.0 and 6.5 MHz)
• Programmable picture-to-sound ratio
• Programmable deviation of the sound subcarrier
• Input for modulated NICAM sound subcarrier or second
frequency modulated sound subcarrier
• Asymmetrical or symmetrical RF output buffer
• Symmetrical RF oscillator for UHF or VHF band
according to the application
• One I2C-bus programmable output port
• On-chip Phase-Locked Loop (PLL) frequency
synthesizer for the RF carrier
• On-chip PLL frequency synthesizer for the sound carrier
• On-chip power supply regulator
• On-chip I2C-bus and/or hardware controlled Test
Pattern Signal Generator (TPSG) with LED driver
• RF output switch-off during tuning.
APPLICATIONS
• Video recorders
• Cable converters
• Satellite receivers
• Set top boxes.
GENERAL DESCRIPTION
The TDA8822 is a programmable modulator which
generates an RF TV channel from a baseband video
signal and a baseband audio signal in the event of
negative video and FM sound standards (B/G, I, D/K, M
and N standards).
Two PLL frequency-synthesizers set the picture carrier
frequency and the sound subcarrier frequency to the
required frequencies. These PLL frequency-synthesizers
are programmed via the I2C-bus.
The I2C-bus controls these features:
• Video modulation depth
• Sound subcarrier modulation deviation
• Picture-to-sound ratio.
This makes the IC suitable for multistandard applications
without any adjustment into the application.
Additional features are provided like an input for the
NICAM or second FM carrier, a test pattern signal
generator with a LED driver and a general purpose
output port.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8822T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA8822M
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1


Número de pieza similar - TDA8822

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8808AT PHILIPS-TDA8808AT Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8808T PHILIPS-TDA8808T Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8809T PHILIPS-TDA8809T Datasheet
94Kb / 16P
   Radial error signal processor for compact disc players
November 1987
TDA8840 PHILIPS-TDA8840 Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA8840H PHILIPS-TDA8840H Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
More results

Descripción similar - TDA8822

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Broadcom Corporation.
BCM3033 BOARDCOM-BCM3033 Datasheet
137Kb / 2P
   QAMLINK UNIVERSAL MODULATOR
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
logo
Broadcom Corporation.
BCM3034 BOARDCOM-BCM3034 Datasheet
122Kb / 2P
   UNIVERSAL ADVANCED DOWNSTREAM MODULATOR
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415_07 Datasheet
876Kb / 29P
   Wideband Programmable Modulator (WPM)
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
   Wideband Programmable Modulator (WPM)
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
logo
Renesas Technology Corp
HSP50415 RENESAS-HSP50415 Datasheet
1Mb / 29P
   Wideband Programmable Modulator (WPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com