Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8927J Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA8927J
Descripción Electrónicos  Power stage 2 x 80 W class-D audio amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8927J Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8927J Datasheet HTML 7Page - NXP Semiconductors TDA8927J Datasheet HTML 8Page - NXP Semiconductors TDA8927J Datasheet HTML 9Page - NXP Semiconductors TDA8927J Datasheet HTML 10Page - NXP Semiconductors TDA8927J Datasheet HTML 11Page - NXP Semiconductors TDA8927J Datasheet HTML 12Page - NXP Semiconductors TDA8927J Datasheet HTML 13Page - NXP Semiconductors TDA8927J Datasheet HTML 14Page - NXP Semiconductors TDA8927J Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
2001 Dec 11
11
Philips Semiconductors
Objective specification
Power stage 2
× 80 W class-D
audio amplifier
TDA8927
9
LIMITING VALUES
In accordance with the Absolute Maximum Rate System (IEC 60134).
Notes
1. Human Body Model (HBM); Rs = 1500 Ω; C = 100 pF.
2. Machine Model (MM); Rs =10 Ω; C = 200 pF; L = 0.75 µH.
10 THERMAL CHARACTERISTICS
11 QUALITY SPECIFICATION
In accordance with
“SNW-FQ611-part D” if this type is used as an audio amplifier.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−±30
V
VP(sc)
supply voltage for
short-circuits across the load
−±30
V
IORM
repetitive peak current in
output pins
7.5
A
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
150
°C
Ves(HBM)
electrostatic discharge
voltage (HBM)
note 1
all pins with respect to VDD (class A)
−500
+500
V
all pins with respect to VSS (class A1) −1500
+1500
V
all pins with respect to each other
(class A1)
−1500
+1500
V
Ves(MM)
electrostatic discharge
voltage (MM)
note 2
all pins with respect to VDD (class B)
−250
+250
V
all pins with respect to VSS (class B)
−250
+250
V
all pins with respect to each other
(class B)
−250
+250
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TDA8927J
40
K/W
TDA8927ST
40
K/W
TDA8927TH
40
K/W
Rth(j-c)
thermal resistance from junction to case
in free air
TDA8927J
≈1.0
K/W
TDA8927ST
≈1.0
K/W
TDA8927TH
1
K/W


Número de pieza similar - TDA8927J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Descripción similar - TDA8927J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
International Rectifier
IRAUDAMP4 IRF-IRAUDAMP4 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8928J PHILIPS-TDA8928J Datasheet
210Kb / 23P
   Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
2004 May 05
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com