Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML40126N Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor |
|
ML40126N Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor |
1 / 4 page ( 1 / 4 ) MITSUBISHI LASER DIODES ML4XX26 SERIES FOR OPTICAL INFORMATION SYSTEMS TYPE NAME ML40126N ML44126N,ML44126R FEATURES • Output 5mW(CW) • Built-in monitor photodiode • Low droop APPLICATION • Laser Beam Printing, Digital Copy ELECTRICAL / OPTICAL CHARACTERISTICS (Tc=25°C) MITSUBISHI ELECTRIC FEATURES ML4xx26 series is AlGaAs laser diodes which provide a stable, single transverse mode ocillation with emission wavelength of 785nm and standard continuous light output of 5mW. ML4xx26 are hermetically sealed devices having the photodiode for optical output monitoring. ML4xx26 is produced by the MOCVD crystal growth method which is excellent in mass production and characteristics uniformity. Note 2: Applicable to ML44126R and ML44126N Note 3: RL=the load resistance of photodiode ABSOLUTE MAXIMUM RATINGS (Note 1) Note1: The maximum rating means the limitation over which the laser should not be operated even instant time, and this does not mean the guarantee of its lifetime.As for the reliability,please refer to the reliability report from Mitsubishi Semiconductor Quality Assurance Department. as of February '00 8 CW - - - - - mW Light output power Po °C °C mA V V 2 30 10 -40~ +60 -40~ +100 Reverse voltage (Photodiode) Forward current (Photodiode) Case temperature Storage temperature Tstg Tc IFD VRD Reverse voltage (laser diode) VRL Unit Ratings Conditions Parameter Symbol -- % 6 CW,Po=3mW Droop D pF - 7 - VRD=5V, f=1MHz Capacitance (Photodiode) Ct µA 0.5 mA - - ° 36 ° 15 nm 800 V 2.5 mW/mA 0.45 mA 70 0.35 2 785 11 29 0.45 0.90 - - - - VRD=10V CW,Po=5mW, VRD=1V RL=10 Ω(Note3) Operation current Monitoring output current (Photodiode) Dark current (Photodiode) ID Im(Note2) Im Iop 22 CW,Po=5mW Beam divergence angle (perpendicular) θ⊥ Threshold current Ith 40 mA 40 25 Unit Max Typ. CW,Po=5mW CW,Po=5mW CW,Po=5mW CW,Po=5mW 0.25 - 770 8 Operating voltage Peak wavelength Beam divergence angle (parallel) θ// λp Vop Slope efficiency η CW,Po=5mW - - CW MIn Test conditions Parameter Symbol |
Número de pieza similar - ML40126N |
|
Descripción similar - ML40126N |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |