Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8960 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TDA8960
Descripción Electrónicos  ATSC 8-VSB demodulator and decoder
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8960 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8960 Datasheet HTML 6Page - NXP Semiconductors TDA8960 Datasheet HTML 7Page - NXP Semiconductors TDA8960 Datasheet HTML 8Page - NXP Semiconductors TDA8960 Datasheet HTML 9Page - NXP Semiconductors TDA8960 Datasheet HTML 10Page - NXP Semiconductors TDA8960 Datasheet HTML 11Page - NXP Semiconductors TDA8960 Datasheet HTML 12Page - NXP Semiconductors TDA8960 Datasheet HTML 13Page - NXP Semiconductors TDA8960 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1999 Jun 14
10
Philips Semiconductors
Preliminary specification
ATSC 8-VSB demodulator and decoder
TDA8960
The equalizer has been designed to correct a maximum
pre-echo of 2.32
µs and a maximum post-echo of
10.50
µs. The equalizer uses an overlapping DFE to
reduce the effects of co-channel interference.
The equalizer has been optimized to have a typical
acquisition time of 12 training sequences, which
corresponds to approximately 290 ms. The acquisition
time has been defined as the time when the output
signal-to-noise ratio reaches the Threshold Of Visibility
(TOV). The ATSC defines a TOV of 14.9 dB for 8-VSB.
Based on the training signal and the output of the equalizer
the Mean Square Error (MSE) signal is generated. This
16-bit value is used to control the channel adaptation
process and is available though I2C-bus control.
Control
The TDA8960 contains a complicated finite state machine.
This state machine controls the sequence of operations
that must be performed when a valid VSB data signal is
detected in order for it to be properly decoded into a
stream of MPEG-2 transport packets. The following steps
have to take place:
1. The external tuner is directed to lock to a specified
channel frequency. A VSB signal is present.
2. The tuner AGC locks to an acceptable signal gain.
3. The coarse AGC of the TDA8960 locks to acceptable
A/D converter gain.
4. The timing and carrier recovery loops lock to the
symbol clock and the carrier frequency.
5. The segment sync pattern is detected. The segment
sync lock is acquired.
6. The fine AGC locks.
7. The field sync pattern is detected. The MSE of the
received field sync training sequence is determined.
8. The equalizer uses subsequent training sequences to
adapt itself to the channel conditions.
9. The equalizer adapts to the point that the MSE of the
training sequence is sufficiently small. The trellis
decoding, convolutional de-interleaving and Reed
Solomon decoding processes all begin.
10. Valid MPEG-2 transport packets are generated.
The finite state machine consists of three states. After a
reset has been applied, the state machine starts in state 0.
STATE 0: CHANNEL ACQUISITION
In this state either no channel signal is present or a
channel signal is being acquired. The AGC, timing
recovery and carrier recovery loops must first lock onto it.
If the segment sync lock is lost, pin LOCKINDIC is LOW,
or a hardware reset is applied to the VSB demodulator, the
finite state machine returns to state 0.
STATE 1: EQUALIZER TRAINING
The finite state machine remains in state 1 until the MSE
of the equalized training sequence falls below a certain
threshold. It should be noted that in state 1 the back-end is
continuously reset to make sure that after the demodulator
has locked onto a signal, the trellis decoder and following
processing blocks begin at the start of the next complete
data field. By means of I2C-bus registers 01H and 02H the
MSE value of the equalizer can be read. This value can be
used for applications such as antenna pointing.
STATE 2: NORMAL OPERATION
Normally the state machine would remain in state 2 as
long as no synchronization error occurs. If the MSE of the
equalized training sequence is exceeded for more than
100 ms, the equalizer is reset for one symbol period and
the adaptation process starts again. If the demodulator is
in this state, the EQLOCKINDIC pin signal goes up.
The value of this signal can also be read through the
I2C-bus.


Número de pieza similar - TDA8960

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8961 PHILIPS-TDA8961 Datasheet
439Kb / 4P
   ATSC/NTSC digital TV front-end chipset
2000 May 19
TDA8961 PHILIPS-TDA8961 Datasheet
157Kb / 36P
   ATSC Digital Terrestrial TV demodulator/decoder
2000 May 19
More results

Descripción similar - TDA8960

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8961 PHILIPS-TDA8961 Datasheet
157Kb / 36P
   ATSC Digital Terrestrial TV demodulator/decoder
2000 May 19
logo
Broadcom Corporation.
BCM3517 BOARDCOM-BCM3517 Datasheet
82Kb / 2P
   ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
BCM3517 BOARDCOM-BCM3517_06 Datasheet
189Kb / 2P
   ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
logo
NXP Semiconductors
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
logo
Synaptics Incorporated.
CX24114 CONEXANT-CX24114 Datasheet
606Kb / 2P
   Advanced Modulation Demodulator and Turbo FEC Decoder
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
   FSK DEMODULATOR / TONE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com