Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML44126N Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

No. de pieza ML44126N
Descripción Electrónicos  FOR OPTICAL INFORMATION SYSTEMS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML44126N Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML44126N Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML44126N Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML44126N Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML44126N Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
( 1 / 4 )
MITSUBISHI LASER DIODES
ML4XX26 SERIES
FOR OPTICAL INFORMATION SYSTEMS
TYPE
NAME
ML40126N
ML44126N,ML44126R
FEATURES
Output 5mW(CW)
Built-in monitor photodiode
Low droop
APPLICATION
Laser Beam Printing, Digital Copy
ELECTRICAL / OPTICAL CHARACTERISTICS (Tc=25°C)
MITSUBISHI
ELECTRIC
FEATURES
ML4xx26 series is AlGaAs laser diodes which
provide a stable, single transverse mode ocillation
with emission wavelength of 785nm and standard
continuous light output of 5mW.
ML4xx26 are hermetically sealed devices having
the photodiode for optical output monitoring.
ML4xx26 is produced by the MOCVD crystal
growth method which is excellent in mass production
and characteristics uniformity.
Note 2: Applicable to ML44126R and ML44126N
Note 3: RL=the load resistance of photodiode
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time,
and this does not mean the guarantee of its lifetime.As for the reliability,please refer to the reliability report from Mitsubishi
Semiconductor Quality Assurance Department.
as of February '00
8
CW
-
-
-
-
-
mW
Light output power
Po
°C
°C
mA
V
V
2
30
10
-40~ +60
-40~ +100
Reverse voltage (Photodiode)
Forward current (Photodiode)
Case temperature
Storage temperature
Tstg
Tc
IFD
VRD
Reverse voltage (laser diode)
VRL
Unit
Ratings
Conditions
Parameter
Symbol
--
%
6
CW,Po=3mW
Droop
D
pF
-
7
-
VRD=5V, f=1MHz
Capacitance (Photodiode)
Ct
µA
0.5
mA
-
-
°
36
°
15
nm
800
V
2.5
mW/mA
0.45
mA
70
0.35
2
785
11
29
0.45
0.90
-
-
-
-
VRD=10V
CW,Po=5mW, VRD=1V
RL=10
Ω(Note3)
Operation current
Monitoring output current
(Photodiode)
Dark current (Photodiode)
ID
Im(Note2)
Im
Iop
22
CW,Po=5mW
Beam divergence angle
(perpendicular)
θ
Threshold current
Ith
40
mA
40
25
Unit
Max
Typ.
CW,Po=5mW
CW,Po=5mW
CW,Po=5mW
CW,Po=5mW
0.25
-
770
8
Operating voltage
Peak wavelength
Beam divergence angle
(parallel)
θ//
λp
Vop
Slope efficiency
η
CW,Po=5mW
-
-
CW
MIn
Test conditions
Parameter
Symbol


Número de pieza similar - ML44126N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4411 MICRO-LINEAR-ML4411 Datasheet
296Kb / 14P
   Sensorless Spindle Motor Controller
ML4411ACS MICRO-LINEAR-ML4411ACS Datasheet
296Kb / 14P
   Sensorless Spindle Motor Controller
ML4411CS MICRO-LINEAR-ML4411CS Datasheet
296Kb / 14P
   Sensorless Spindle Motor Controller
More results

Descripción similar - ML44126N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX6 MITSUBISHI-ML1XX6 Datasheet
38Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX22 MITSUBISHI-ML1XX22 Datasheet
89Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com