Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9808 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA9808
Descripción Electrónicos  Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9808 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9808 Datasheet HTML 5Page - NXP Semiconductors TDA9808 Datasheet HTML 6Page - NXP Semiconductors TDA9808 Datasheet HTML 7Page - NXP Semiconductors TDA9808 Datasheet HTML 8Page - NXP Semiconductors TDA9808 Datasheet HTML 9Page - NXP Semiconductors TDA9808 Datasheet HTML 10Page - NXP Semiconductors TDA9808 Datasheet HTML 11Page - NXP Semiconductors TDA9808 Datasheet HTML 12Page - NXP Semiconductors TDA9808 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1999 Jun 04
9
Philips Semiconductors
Product specification
Single standard VIF-PLL with QSS-IF and
FM-PLL demodulator
TDA9808
CHARACTERISTICS (9 V SUPPLY, TDA9808; DIP20 only)
VP =9V; Tamb =25 °C; see Table 1 for input frequencies and carrier ratios; input level Vi(VIF)(rms) =10mV
(pins 1 and 2) (sync-level); Vi(SIF)(rms) = 4.5 mV (pins 19 and 20) (sound carrier); IF input from 50 Ω via broadband
transformer 1 : 1; video modulation DSB; residual carrier: 10%; video signal in accordance with
“NTC-7 Composite”;
measurements taken in Fig.13; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 18)
VP
supply voltage
note 1
4.5
5.0
9.9
V
IP
supply current
72
85
98
mA
True synchronous video demodulator; note 2
Vi(VIF)(rms)
VIF input signal voltage
sensitivity (RMS value)
PLL still locked;
maximum IF gain; note 3
60
90
µV
Composite video amplifier (pin 9; sound carrier off)
Vo(video)(p-p)
video output signal voltage
(peak-to-peak value)
see Fig.8
1.27
1.45
1.63
V
S/NW(video)
weighted signal-to-noise ratio
see Fig.6 and note 4
56
60
dB
PSRR
power supply ripple rejection
at pin 9
see Fig.11
25
30
dB
Tuner AGC (pin 12)
∆G
IF
IF slip by automatic gain
control
tuner gain current from
20 to 80%
68
dB
AFC circuit (pin 13); see Fig.10 and note 5
S
control steepness
∆I13/∆f
note 6
fpc = 38.9 MHz
0.35
0.55
0.75
µA/kHz
fpc = 45.75 MHz
0.35
0.55
0.75
µA/kHz
fpc = 58.75 MHz
0.35
0.55
0.75
µA/kHz
∆f
IF/∆T
frequency variation by
temperature
IAFC = 0; note 7
−−
±20 × 10−6 K−1
FM-PLL sound demodulator and AF output (pin 6); note 8
Vo(AF)(6)(rms)
AF output signal voltage
(RMS value)
±25 kHz
(50% FM deviation);
see Fig.13
375
500
625
mV
S/NW(audio)
weighted signal-to-noise ratio
“CCIR 468-4”;
see Fig.13
55
60
dB
α
6
mute attenuation
70
75
dB
∆V5
DC jump voltage of AF output
terminal
FM-PLL in lock mode
−±50
±175
mV


Número de pieza similar - TDA9808

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results

Descripción similar - TDA9808

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com