Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9814T Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TDA9814T
Descripción Electrónicos  Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9814T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA9814T Datasheet HTML 6Page - NXP Semiconductors TDA9814T Datasheet HTML 7Page - NXP Semiconductors TDA9814T Datasheet HTML 8Page - NXP Semiconductors TDA9814T Datasheet HTML 9Page - NXP Semiconductors TDA9814T Datasheet HTML 10Page - NXP Semiconductors TDA9814T Datasheet HTML 11Page - NXP Semiconductors TDA9814T Datasheet HTML 12Page - NXP Semiconductors TDA9814T Datasheet HTML 13Page - NXP Semiconductors TDA9814T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1998 Feb 09
10
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9814T
Composite video amplifier (pin 18; sound carrier off)
Vo video(p-p)
output signal voltage
(peak-to-peak value)
see Fig.8
0.88
1.0
1.12
V
V/S
ratio between video
(black-to-white) and
sync level
1.9
2.33
3.0
∆Vo(video)
output signal voltage
difference
difference between
B/G and L standard
−−±12
%
V18(sync)
sync voltage level
B/G and L standard
1.5
V
V18(clu)
upper video clipping voltage
level
VP − 1.1 VP − 1
V
V18(cll)
lower video clipping voltage
level
0.7
0.9
V
Ro,18
output resistance
note 2
−−
10
Iint 18
internal DC bias current for
emitter-follower
2.2
3.0
mA
I18 max(sink)
maximum AC and DC output
sink current
1.6
−−
mA
I18 max(source)
maximum AC and DC output
source current
2.9
−−
mA
B−1
−1 dB video bandwidth
B/G and L standard;
CL < 50 pF; RL > 1kΩ;
AC load
56
MHz
B−3
−3 dB video bandwidth
B/G and L standard;
CL < 50 pF; RL > 1kΩ;
AC load
78
MHz
αH(sup)
suppression of video signal
harmonics
CL < 50 pF; RL > 1kΩ;
AC load; note 7a
35
40
dB
PSRR
power supply ripple rejection
at pin 18
video signal; grey level;
see Fig.11
B/G standard
32
35
dB
L standard
26
30
dB
CVBS buffer amplifier (only) and noise clipper (pins 8 and 19)
Ri,19
input resistance
note 2
2.6
3.3
4.0
k
Ci,19
input capacitance
note 2
1.4
2
3.0
pF
VI,19
DC input voltage
1.4
1.7
2.0
V
Gv
voltage gain
B/G and L standard; note 8
6.5
7
7.5
dB
V8(clu)
upper video clipping voltage
level
3.9
4.0
V
V8(cll)
lower video clipping voltage
level
1.0
1.1
V
Ro,8
output resistance
note 2
−−
10
Iint 8
DC internal bias current for
emitter-follower
2.0
2.5
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Número de pieza similar - TDA9814T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

Descripción similar - TDA9814T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com