Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9829T Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA9829T
Descripción Electrónicos  Downconverter for DVB
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9829T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA9829T Datasheet HTML 2Page - NXP Semiconductors TDA9829T Datasheet HTML 3Page - NXP Semiconductors TDA9829T Datasheet HTML 4Page - NXP Semiconductors TDA9829T Datasheet HTML 5Page - NXP Semiconductors TDA9829T Datasheet HTML 6Page - NXP Semiconductors TDA9829T Datasheet HTML 7Page - NXP Semiconductors TDA9829T Datasheet HTML 8Page - NXP Semiconductors TDA9829T Datasheet HTML 9Page - NXP Semiconductors TDA9829T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 Nov 09
6
Philips Semiconductors
Product specification
Downconverter for DVB
TDA9829T
THERMAL CHARACTERISTICS
CHARACTERISTICS
VP =5V; Tamb =25 °C; see Table 1 for input frequencies; input level ViIF(3−4) = 10 mV (RMS value); measurements
taken in Fig.8; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction
to ambient
in free air
85
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 19)
VP
supply voltage
note 1
4.5
5.0
5.5
V
IP
supply current
81
96
111
mA
IF amplifier (measured at fIF = 43.75 MHz; pins 3 and 4)
∆V(3-4)(rms)
input sensitivity (RMS value)
−1 dB DVB signal at output
100
150
µV
Vi(3-4)(rms)
maximum input signal level
(RMS value)
1 dB DVB signal at output
140
200
mV
∆GIF
total gain control IF amplifier
59
64
dB
tilt for
∆f ±3 MHz
fs = 6.9 MHz; 40 dB gain
0.5
1
dB
Ri(3-4)(diff)
input resistance (differential)
note 2
2.2
k
Ci(3-4)(diff)
input capacitance (differential)
note 2
1.7
pF
DVB mixer and VCO (pins 10, 15 and 16); see notes 4 and 5 and Table 1
fVCO(max)
maximum oscillator frequency
2(fIF +fs)
125
130
MHz
fVCO(US)
VCO frequency for USA
2(fIF +fs)
97.5
MHz
fVCO(EU)
VCO frequency for Europe
2(fIF +fs)
86.0
MHz
Vref(rms)
oscillator voltage swing between
pins 15 and 16 (RMS value)
60
mV
∆ϕ
SSB
VCO phase noise
f = 100 kHz; free-running
103
107
dBc/Hz
VVCO
VCO control range (pin 10)
see Figs 6 and 7
0
VP
V
Ri(VCO)
VCO control input resistance
(pin 10)
50
63
76
k
CRstps(VCO)
control steepness
∆fs/∆V10
see Figs 6 and 7
DVB (USA)
0.29
MHz/V
DVB (Europe)
0.40
MHz/V
DVB output amplifier (pins 11 and 20)
Vo(DVB)(p-p)
DVB output signal (QAM)
(peak-to-peak value)
1.8
2.1
2.4
V
Ibias(int)
DC internal bias current for
emitter-follower (pin 11)
1.9
2.3
2.7
mA
Isink(max)
maximum AC and DC output
sink current (pin 11)
1.5
−−
mA
Isource(max)
maximum AC and DC output
source current (pin 11)
2.0
−−
mA


Número de pieza similar - TDA9829T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9820T PHILIPS-TDA9820T Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9821 PHILIPS-TDA9821 Datasheet
121Kb / 16P
   Dual channel TV FM intercarrier sound demodulator
1996 Nov 20
More results

Descripción similar - TDA9829T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
   TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
TEMIC Semiconductors
U4476B TEMIC-U4476B Datasheet
187Kb / 7P
   IF Amplifier / Converter for DVB (Cable)
U4459B TEMIC-U4459B Datasheet
108Kb / 7P
   IF Amplifier for Cable DVB Processing
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com