Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9851T Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA9851T
Descripción Electrónicos  I2C-bus controlled economic BTSC stereo decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9851T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9851T Datasheet HTML 3Page - NXP Semiconductors TDA9851T Datasheet HTML 4Page - NXP Semiconductors TDA9851T Datasheet HTML 5Page - NXP Semiconductors TDA9851T Datasheet HTML 6Page - NXP Semiconductors TDA9851T Datasheet HTML 7Page - NXP Semiconductors TDA9851T Datasheet HTML 8Page - NXP Semiconductors TDA9851T Datasheet HTML 9Page - NXP Semiconductors TDA9851T Datasheet HTML 10Page - NXP Semiconductors TDA9851T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Nov 12
7
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder
TDA9851
CHARACTERISTICS
All voltages are measured relative to GND; VCC =9V; Rs = 600 Ω; AC-coupled; RL =10kΩ; CL = 2.5 nF; fmod = 1 kHz
mono signal; composite input voltage 250 mV (RMS) for 100% modulation L + R (25 kHz deviation); Tamb =25 °C;
see Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
supply voltage
8
9
9.5
V
ICC
supply current
30
40
mA
Input stage
Vi(max)(rms)
maximum input voltage
(RMS value)
2
−−
V
Zi
input impedance
20
25
30
k
Stereo decoder
HR
headroom for L + R, L and R
fmod = 300 Hz; THD < 15%
9
−−
dB
Vpil(rms)
nominal stereo pilot voltage
(RMS value)
50
mV
Vth(on)(rms)
pilot threshold voltage
stereo on (RMS value)
−−
35
mV
Vth(off)(rms)
pilot threshold voltage
stereo off (RMS value)
15
−−
mV
hys
hysteresis
2.5
dB
Vo(rms)
output voltage (RMS value)
100% modulation L + R;
fmod = 300 Hz
500
mV
αcsL,R
stereo channel separation
L and R
14% modulation; fL = 300 Hz;
fR = 3 kHz
20
dB
THDL,R
total harmonic distortion
L and R
100% modulation L or R;
fmod = 1 kHz
0.2
1.0
%
S/N
signal-to-noise ratio
mono mode; referenced to
500 mV output signal
CCIR 468-2 weighted;
quasi peak
50
60
dB
DIN noise weighting filter
(RMS value)
73
dBA
Stereo decoder, oscillator (VCXO); note 1
fo
nominal VCXO output
frequency (32fH)
with nominal ceramic
resonator
503.5
kHz
∆f
fr
spread of free-running
frequency
with nominal ceramic
resonator
500.0
507.0
kHz
∆fcr
capture range frequency
nominal pilot
±190
±265
Hz


Número de pieza similar - TDA9851T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9852H PHILIPS-TDA9852H Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9853 PHILIPS-TDA9853 Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
More results

Descripción similar - TDA9851T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com