Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT4040E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HCT4040E
Descripción Electrónicos  High-Speed CMOS Logic 12-Stage Binary Counter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4040E Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT4040E Datasheet HTML 1Page - Texas Instruments CD74HCT4040E Datasheet HTML 2Page - Texas Instruments CD74HCT4040E Datasheet HTML 3Page - Texas Instruments CD74HCT4040E Datasheet HTML 4Page - Texas Instruments CD74HCT4040E Datasheet HTML 5Page - Texas Instruments CD74HCT4040E Datasheet HTML 6Page - Texas Instruments CD74HCT4040E Datasheet HTML 7Page - Texas Instruments CD74HCT4040E Datasheet HTML 8Page - Texas Instruments CD74HCT4040E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS203D
Features
• Fully Static Operation
• Buffered Inputs
• Common Reset
• Negative Edge Pulsing
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC4040 and ’HCT4040 are 14-stage ripple-carry
binary counters. All counter stages are master-slave flip-
flops. The state of the stage advances one count on the
negative clock transition of each input pulse; a high voltage
level on the MR line resets all counters to their zero state. All
inputs and outputs are buffered.
Pinout
CD54HC4040, CD54HCT4040
(CERDIP)
CD74HC4040
(PDIP, SOIC, SOP)
CD74HCT4040
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4040F3A
-55 to 125
16 Ld CERDIP
CD54HCT4040F3A
-55 to 125
16 Ld CERDIP
CD74HC4040E
-55 to 125
16 Ld PDIP
CD74HC4040M
-55 to 125
16 Ld SOIC
CD74HC4040MT
-55 to 125
16 Ld SOIC
CD74HC4040M96
-55 to 125
16 Ld SOIC
CD74HC4040NSR
-55 to 125
16 Ld SOP
CD74HCT4040E
-55 to 125
16 Ld PDIP
CD74HCT4040M
-55 to 125
16 Ld SOIC
CD74HCT4040MT
-55 to 125
16 Ld SOIC
CD74HCT4040M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q12
Q6
Q5
Q7
Q4
Q3
GND
Q2
VCC
Q10
Q8
Q9
MR
CP
Q1
Q11
February 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4040, CD74HC4040,
CD54HCT4040, CD74HCT4040
High-Speed CMOS Logic
12-Stage Binary Counter
[ /Title
(CD74H
C4040,
CD74HC
T4040)
/Subject
(High
Speed
CMOS
Logic
12-Stage
Binary


Número de pieza similar - CD74HCT4040E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT4040E TI-CD74HCT4040E Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD74HCT4040E TI-CD74HCT4040E Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HCT4040EE4 TI-CD74HCT4040EE4 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
More results

Descripción similar - CD74HCT4040E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual 4 -Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com