Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA0675 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TEA0675
Descripción Electrónicos  Dual Dolby* B-type noise reduction circuit for playback applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA0675 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA0675 Datasheet HTML 7Page - NXP Semiconductors TEA0675 Datasheet HTML 8Page - NXP Semiconductors TEA0675 Datasheet HTML 9Page - NXP Semiconductors TEA0675 Datasheet HTML 10Page - NXP Semiconductors TEA0675 Datasheet HTML 11Page - NXP Semiconductors TEA0675 Datasheet HTML 12Page - NXP Semiconductors TEA0675 Datasheet HTML 13Page - NXP Semiconductors TEA0675 Datasheet HTML 14Page - NXP Semiconductors TEA0675 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1996 Jun 07
11
Philips Semiconductors
Preliminary specification
Dual Dolby* B-type noise reduction circuit
for playback applications
TEA0675
Description of the principle timing diagram for AMS-scan mode without initial input signal (see Fig.5)
handbook, full pagewidth
MED625
output signal
to microprocessor
4.5 V
VAMSEQ
time threshold
upper threshold
(hysteresis)
Vt
VREF
level threshold
Vl
Vin
tr: rise time
td: delay time
tb: burst time
tp: pause time
tf: fall time
Vl: voltage at
level detector
input
pin 3 (CONTRA)
Vt: voltage at
time detector
input
pin 22 (CONTRB)
t
t
t
t
AMS on
tr
td
tf
tb<tr
tp<td
t0
t3 t4
t5 t6
t7
t8 t9 t10
t11 t12
t13 t14
t15
Fig.5 AMS-scan mode without initial input signal.
By activating AMS-scan mode, the AMS output level
directly indicates whether the input level corresponds to a
pause level (VAMSEQ = LOW) or not (VAMSEQ = HIGH).
At t0 the AMS-scan mode is activated. Without a signal at
Vin, the following initial procedure runs until the AMS
output changes to LOW level: due to no signal at Vin the
voltage at the level detector input VI (pin 3, CONTRA)
remains below the level threshold and the second time
constant will be discharged (time detector input Vt).
When Vt passes the time threshold level, the time detector
output changes to LOW level. Now the initial procedure is
completed.
If a signal burst appears at t3, the level detector input
voltage rises immediately and causes its output to charge
the second time constant, which supplies the input voltage
Vt for the time detector. When Vt passes the upper
threshold level after the rise time tr (at t4), the AMS output
changes to HIGH. If the signal burst ends at t5 the level
detector input VI falls to its LOW level. When passing the
level threshold at t6, the discharging of the second time
constant begins. Now the circuit measures the delay time
td, which is externally fixed by a resistor and defines the
length of a pause to be detected. If no signal appears at Vin
within the time interval td, the time detector output switches
the AMS output to LOW level at t7.
If a plop noise pulse appears at Vin (t8) with a pulse width
less than the rise time tr >tb, the plop noise will not be
detected as music. The AMS output remains LOW.
Similarly the system handles ‘no music pulses’ tp: when
music appears at t11 with a small interruption at t13, this
interruption will not affect the AMS output for tp <td.


Número de pieza similar - TEA0675

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA0676 PHILIPS-TEA0676 Datasheet
163Kb / 20P
   Dual pre-amplifier and equalizer for reverse tape decks
1997 Oct 07
TEA0676T PHILIPS-TEA0676T Datasheet
163Kb / 20P
   Dual pre-amplifier and equalizer for reverse tape decks
1997 Oct 07
TEA0677 PHILIPS-TEA0677 Datasheet
147Kb / 13P
   Dual pre-amplifier and equalizer for reverse tape decks
August 1993
TEA0677T PHILIPS-TEA0677T Datasheet
147Kb / 13P
   Dual pre-amplifier and equalizer for reverse tape decks
August 1993
TEA0678 PHILIPS-TEA0678 Datasheet
319Kb / 28P
   Dual Dolby* B-type noise reduction circuit, automatic music search, with differential outputs and mute
1996 Jun 06
More results

Descripción similar - TEA0675

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA0679T PHILIPS-TEA0679T Datasheet
336Kb / 40P
   I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications
1998 Nov 12
logo
Sony Corporation
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
logo
National Semiconductor ...
LM1131 NSC-LM1131 Datasheet
186Kb / 5P
   DUAL DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com