Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1062 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TEA1062
Descripción Electrónicos  Low voltage transmission circuits with dialler interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1062 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1062 Datasheet HTML 2Page - NXP Semiconductors TEA1062 Datasheet HTML 3Page - NXP Semiconductors TEA1062 Datasheet HTML 4Page - NXP Semiconductors TEA1062 Datasheet HTML 5Page - NXP Semiconductors TEA1062 Datasheet HTML 6Page - NXP Semiconductors TEA1062 Datasheet HTML 7Page - NXP Semiconductors TEA1062 Datasheet HTML 8Page - NXP Semiconductors TEA1062 Datasheet HTML 9Page - NXP Semiconductors TEA1062 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1997 Sep 03
6
Philips Semiconductors
Product specification
Low voltage transmission circuits with
dialler interface
TEA1062; TEA1062A
Microphone inputs MIC+ and MIC
− and gain pins
GAS1 and GAS2
The circuit has symmetrical microphone inputs. Its input
impedance is 64 k
Ω (2 × 32 kΩ) and its voltage gain is
typically 52 dB (when R7 = 68 k
Ω, see Figures 14
and 15). Dynamic, magnetic, piezoelectric or electret (with
built-in FET source followers) can be used. Microphone
arrangements are illustrated in Fig.11.
The gain of the microphone amplifier can be adjusted
between 44 dB and 52 dB to suit the sensitivity of the
transducer in use. The gain is proportional to the value of
R7 which is connected between GAS1 and GAS2.
Stability is ensured by two external capacitors, C6
connected between GAS1 and SLPE and C8 connected
between GAS1 and VEE. The value of C6 is 100 pF but this
may be increased to obtain a first-order low-pass filter.
The value of C8 is 10 times the value of C6. The cut-off
frequency corresponds to the time constant R7
× C6.
Input MUTE (TEA1062)
When MUTE is HIGH the DTMF input is enabled and the
microphone and receiving amplifier inputs are inhibited.
The reverse is true when MUTE is LOW or open-circuit.
MUTE switching causes only negligible clicking on the line
and earpiece output. If the number of parallel sets in use
causes a drop in line current to below 6 mA the speech
amplifiers remain active independent to the DC level
applied to the MUTE input.
Input MUTE (TEA1062A)
When MUTE is LOW or open-circuit, the DTMF input is
enabled and the microphone and receiving amplifier inputs
are inhibited. The reverse is true when MUTE is HIGH.
MUTE switching causes only negligible clicking on the line
and earpiece output. If the number of parallel sets in use
causes a drop in line current to below 6 mA the DTMF
amplifier becomes active independent to the DC level
applied to the MUTE input.
Dual-tone multi-frequency input DTMF
When the DTMF input is enabled dialling tones may be
sent on to the line. The voltage gain from DTMF to LN is
typically 25.5 dB (when R7 = 68 k
Ω) and varies with R7 in
the same way as the microphone gain. The signalling
tones can be heard in the earpiece at a low level
(confidence tone).
Receiving amplifier IR, QR and GAR
The receiving amplifier has one input (IR) and a
non-inverting output (QR). Earpiece arrangements are
illustrated in Fig.12. The IR to QR gain is typically 31 dB
(when R4 = 100 k
Ω). It can be adjusted between
20 and 31 dB to match the sensitivity of the transducer in
use. The gain is set with the value of R4 which is
connected between GAR and QR. The overall receive
gain, between LN and QR, is calculated by subtracting the
anti-sidetone network attenuation (32 dB) from the
amplifier gain. Two external capacitors, C4 and C7, ensure
stability. C4 is normally 100 pF and C7 is 10 times the
value of C4. The value of C4 may be increased to obtain a
first-order low-pass filter. The cut-off frequency will depend
on the time constant R4
× C4.
The output voltage of the receiving amplifier is specified for
continuous-wave drive. The maximum output voltage will
be higher under speech conditions where the peak to RMS
ratio is higher.
Automatic Gain Control input AGC
Automatic line loss compensation is achieved by
connecting a resistor (R6) between AGC and VEE.
The automatic gain control varies the gain of the
microphone amplifier and the receiving amplifier in
accordance with the DC line current. The control range is
5.8 dB which corresponds to a line length of 5 km for a
0.5 mm diameter twisted-pair copper cable with a DC
resistance of 176
Ω/km and average attenuation of
1.2 dB/km). Resistor R6 should be chosen in accordance
with the exchange supply voltage and its feeding bridge
resistance (see Fig.13 and Table 1). The ratio of start and
stop currents of the AGC curve is independent of the value
of R6. If no automatic line-loss compensation is required
the AGC pin may be left open-circuit. The amplifiers, in this
condition, will give their maximum specified gain.


Número de pieza similar - TEA1062

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TEA1062AN UTC-TEA1062AN Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-D16-T UTC-TEA1062AN-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-S16-R UTC-TEA1062AN-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

Descripción similar - TEA1062

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com