Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HAT2105T Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza HAT2105T
Descripción Electrónicos  Silicon N Channel MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2105T Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2105T Datasheet HTML 1Page - Renesas Technology Corp HAT2105T Datasheet HTML 2Page - Renesas Technology Corp HAT2105T Datasheet HTML 3Page - Renesas Technology Corp HAT2105T Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HAT2105T
REJ03G0384-0200 Rev.2.00 Aug 06, 2007
Page 3 of 3
Package Dimensions
P-TSSOP8-4.4
× 3-0.65
0.034g
MASS[Typ.]
TTP-8DV
PTSP0008JB-B
RENESAS Code
JEITA Package Code
Previous Code
bp
0.60
1.0
0.40
L1
0.50
0.13
x
0.25
0.20
0.15
0.03
bp
b1
c1
0.20
0.15
0.10
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
3.30
3.00
D
4.40
E
0.07
A2
6.60
6.40
6.20
0.10
1.10
A
0.805
Z
L
c
0.65
e
0.10
y
HE
A1
D
*1
1
4
8
5
*3
x M
bp
e
Z
Terminal cross section
(Ni/Pd/Au plating)
2.
1. DIMENSIONS "*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
L1
L
Detail F
y
Index mark
Package Name
TSSOP-8
Ordering Information
Part No.
Quantity
Shipping Container
HAT2105T-EL-E
3000 pcs
Taping


Número de pieza similar - HAT2105T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2105R RENESAS-HAT2105R Datasheet
66Kb / 4P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2105R-EL-E RENESAS-HAT2105R-EL-E Datasheet
66Kb / 4P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2105R RENESAS-HAT2105R_11 Datasheet
97Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Descripción similar - HAT2105T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com