Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1095T Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TEA1095T
Descripción Electrónicos  Voice switched speakerphone IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1095T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1095T Datasheet HTML 7Page - NXP Semiconductors TEA1095T Datasheet HTML 8Page - NXP Semiconductors TEA1095T Datasheet HTML 9Page - NXP Semiconductors TEA1095T Datasheet HTML 10Page - NXP Semiconductors TEA1095T Datasheet HTML 11Page - NXP Semiconductors TEA1095T Datasheet HTML 12Page - NXP Semiconductors TEA1095T Datasheet HTML 13Page - NXP Semiconductors TEA1095T Datasheet HTML 14Page - NXP Semiconductors TEA1095T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1997 Nov 25
11
Philips Semiconductors
Product specification
Voice switched speakerphone IC
TEA1095
DECISION LOGIC: PINS IDT AND SWT
The TEA1095 selects its mode of operation (transmit,
receive or idle mode) by comparing the signal and the
noise envelopes of both channels. This is executed by the
decision logic. The resulting voltage on pin SWT is the
input for the voice-switch.
To facilitate the distinction between signal and noise, the
signal is considered as speech when its envelope is more
than 4.3 dB above the noise envelope. At room
temperature, this is equal to a voltage difference
VENV−NOI = 13 mV. This so called speech/noise threshold
is implemented in both channels.
The signal on TXIN contains both speech and the signal
coming from the loudspeaker (acoustic coupling). When
receiving, the contribution from the loudspeaker overrules
the speech. As a result, the signal envelope on TENV is
formed mainly by the loudspeaker signal. To correct this,
an attenuator is connected between TENV and the
TENV/RENV comparator. Its attenuation equals that
applied to the transmit amplifier.
When a dial tone is present on the line, without monitoring,
the tone would be recognized as noise because it is a
signal with a constant amplitude. This would cause the
TEA1095 to go into the idle mode and the user of the set
would hear the dial tone fade away. To prevent this, a dial
tone detector is incorporated which, in standard
application, does not consider the input signals at RXIN as
noise when they have a level greater than 42 mV (RMS).
This level is proportional to RRSEN.
As can be seen from Fig.8, the output of the decision logic
is a current source. The logic table gives the relationship
between the inputs and the value of the current source. It
can charge or discharge the capacitor CSWT with a current
of 10
µA (switch-over). If the current is zero, the voltage on
SWT becomes equal to the voltage on IDT via the high
ohmic resistor RIDT (idling). The resulting voltage
difference between SWT and IDT determines the mode of
the TEA1095 and can vary between
−400 mV and
+400 mV.
Table 1
Modes of TEA1095
VSWT − VIDT (mV)
MODE
<
−180
transmit mode
0
idle mode
>180
receive mode
The switch-over timing can be set with CSWT, the idle mode
timing with CSWT and RIDT. In the basic application given in
Fig.12, CSWT is chosen at 220 nF and RIDT at 2.2 MΩ.
This enables a switch-over time from transmit to receive
mode or vice-versa of approximately 13 ms (580 mV
swing on SWT). The switch-over time from idle mode to
transmit mode or receive mode is approximately 4 ms
(180 mV swing on SWT).
The switch-over time from receive mode or transmit mode
to idle mode is equal to 4
× RIDT CSWT and is
approximately 2 s (idle mode time).
The inputs MUTETX and MUTERX overrule the decision
logic. When MUTETX goes HIGH, the capacitor CSWT is
charged with 10
µA resulting in the receive mode. When
the voltage on pin MUTERX goes HIGH, the capacitor
CSWT is discharged with 10 µA resulting in the transmit
mode.
VOICE-SWITCH: PINS STAB AND SWR
A diagram of the voice-switch is illustrated in Fig.9. With
the voltage on SWT, the TEA1095 voice-switch regulates
the gains of the transmit and the receive channel such that
the sum of both is kept constant.
In the transmit mode, the gain of the transmit amplifier is at
its maximum and the gain of the receive amplifier is at its
minimum. In the receive mode, the opposite applies. In the
idle mode, both transmit and receive amplifier gains are
halfway.
The difference between maximum and minimum is the so
called switching range. This range is determined by the
ratio of RSWR and RSTAB and is adjustable between
0 and 52 dB. RSTAB should be equal to 3.65 kΩ and sets
an internally used reference current. In the basic
application diagram given in Fig.12, RSWR is equal to
365 k
Ω which results in a switching range of 40 dB. The
switch-over behaviour is illustrated in Fig.10.
In the receive mode, the gain of the receive amplifier can
be reduced using the volume control. Since the
voice-switch keeps the sum of the gains constant, the gain
of the transmit amplifier is increased at the same time (see
dashed curves in Fig.10). In the transmit mode however,
the volume control has no influence on the gain of the
transmit amplifier or the gain of the receive amplifier.
Consequently, the switching range is reduced when the
volume is reduced. At maximum reduction of volume, the
switching range becomes 0 dB.


Número de pieza similar - TEA1095T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Descripción similar - TEA1095T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC33219A MOTOROLA-MC33219A Datasheet
509Kb / 28P
   Voice Switched Speakerphone
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com