Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1099 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TEA1099
Descripción Electrónicos  Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1099 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1099 Datasheet HTML 2Page - NXP Semiconductors TEA1099 Datasheet HTML 3Page - NXP Semiconductors TEA1099 Datasheet HTML 4Page - NXP Semiconductors TEA1099 Datasheet HTML 5Page - NXP Semiconductors TEA1099 Datasheet HTML 6Page - NXP Semiconductors TEA1099 Datasheet HTML 7Page - NXP Semiconductors TEA1099 Datasheet HTML 8Page - NXP Semiconductors TEA1099 Datasheet HTML 9Page - NXP Semiconductors TEA1099 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
1999 Apr 08
6
Philips Semiconductors
Product specification
Speech and handsfree IC with auxiliary
inputs/outputs and analog multiplexer
TEA1099H
Fig.2 Pin configuration.
handbook, full pagewidth
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
TEA1099H
MGM297
QR
DTMF
MIC
+
MIC
TXIN
GATX
TXOUT
IDT
SWT
VOL
HFRX
TNOI
TENV
TSEN
RNOI
RSEN
DLC
ESI
GALS
GNDTX
RENV
VBB
FUNCTIONAL DESCRIPTION
All data given in this chapter are typical values, except
when otherwise specified.
Supplies
LINE INTERFACE AND INTERNAL SUPPLY (PINS LN, SLPE,
REG AND VBB)
The supply for the TEA1099H and its peripherals is
obtained from the line. The IC generates a stabilized
reference voltage (Vref) between pins SLPE and GND.
This reference voltage is equal to 3.7 V for line currents
lower than 18 mA. It than increases linearly with the line
current and reaches the value of 6.1 V for line currents
higher than 45 mA. For line currents below 9 mA, the
internal reference voltage generating Vref is automatically
adjusted to a lower value. This is the so-called low voltage
area and the TEA1099H has limited performances in this
area (see Section “Low voltage behaviour”). This
reference voltage is temperature compensated.
The voltage between pins SLPE and REG is used by the
internal regulator to generate the stabilized reference
voltage and is decoupled by means of a capacitor between
pins LN and REG. This capacitor converted into an
equivalent inductance realizes the set impedance
conversion from its DC value (RSLPE) to its AC value (done
by an external impedance).
The IC regulates the line voltage at pin LN and it can be
calculated as follows:
where:
Iline = line current
Ix = current consumed on pin LN (approximately a few
µA)
ISLPE = current flowing through the RSLPE resistor
V
LN
V
ref
R
SLPE
I
×
+
SLPE
=
I
SLPE
I
line
I
x
=


Número de pieza similar - TEA1099

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Descripción similar - TEA1099

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
   Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
ams AG
AS2520 AMSCO-AS2520 Datasheet
96Kb / 14P
   Telephone Speech Circuit with Loudhearing and Handsfree
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com