Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1111AT Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TEA1111AT
Descripción Electrónicos  Speech circuit with dialler interface, regulated supply and earpiece volume control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1111AT Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA1111AT Datasheet HTML 1Page - NXP Semiconductors TEA1111AT Datasheet HTML 2Page - NXP Semiconductors TEA1111AT Datasheet HTML 3Page - NXP Semiconductors TEA1111AT Datasheet HTML 4Page - NXP Semiconductors TEA1111AT Datasheet HTML 5Page - NXP Semiconductors TEA1111AT Datasheet HTML 6Page - NXP Semiconductors TEA1111AT Datasheet HTML 7Page - NXP Semiconductors TEA1111AT Datasheet HTML 8Page - NXP Semiconductors TEA1111AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1999 Nov 22
5
Philips Semiconductors
Product specification
Speech circuit with dialler interface, regulated
supply and earpiece volume control
TEA1111A
This means that several sets can operate in parallel with
DC line voltages (excluding the polarity guard) down to an
absolute minimum voltage of 1.5 V. At line currents below
Ilow, the circuit has limited sending and receiving levels.
This is called the low voltage area.
THE INTERNAL SUPPLY POINT (PIN VCC)
The internal circuitry of the TEA1111A is supplied from
pin VCC. This voltage supply is derived from the line
voltage by means of a resistor (RCC) and must be
decoupled by a capacitor CVCC. It may also be used to
supply some external circuits.
The VCC voltage (see also Figs 4 and 5) depends on the
current consumed by the IC and the peripheral circuits as:
VCC0 =VLN − RCC × ICC
VCC =VCC0 − RCC × (IP +Irec)
Where Irec is the current consumed by the output stage of
the earpiece amplifier.
handbook, full pagewidth
CREG
4.7
µF
RSLPE
20
ISLPE
FCA053
Iline
ILEDC
Rline
VCC
VEE
REG
SLPE
LN
LEDC
VDD
CVCC
100
µF
CVDD
220
µF
TEA1111A
RCC
ICC
ILN
IP
IDD
ISUP
REXCH
VEXCH
peripherals
external
circuits
from preamplifier
VDD
REGULATOR
internal
circuitry
LED
CONTROL
LED
CIRCUIT
Fig.3 Supply configuration.


Número de pieza similar - TEA1111AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Descripción similar - TEA1111AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1114A PHILIPS-TEA1114A Datasheet
150Kb / 28P
   Low voltage telephone transmission circuit with dialler interface and regulated strong supply
2000 Mar 21
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
UBA2050 PHILIPS-UBA2050 Datasheet
291Kb / 52P
   One-chip telephone ICs with speech, dialler and ringer functions
2000 May 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com