Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RJK4518DPK Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza RJK4518DPK
Descripción Electrónicos  Silicon N Channel MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4518DPK Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK4518DPK Datasheet HTML 1Page - Renesas Technology Corp RJK4518DPK Datasheet HTML 2Page - Renesas Technology Corp RJK4518DPK Datasheet HTML 3Page - Renesas Technology Corp RJK4518DPK Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.1.00 Mar 20, 2007 page 1 of 3
RJK4518DPK
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1529-0100
Rev.1.00
Mar 20, 2007
Features
• Low on-resistance
• Low leakage current
• High speed switching
Outline
RENESAS Package code: PRSS0004ZE-A
(Package name:TO-3P)
D
S
G
1. Gate
2. Drain (Flange)
3. Source
1
2
3
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
450
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
39
A
Drain peak current
ID (pulse)
Note1
117
A
Body-drain diode reverse drain current
IDR
39
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
117
A
Avalanche current
IAP
Note3
10
A
Avalanche energy
EAR
Note3
5.6
mJ
Channel dissipation
Pch
Note2
200
W
Channel to case thermal impedance
θch-c
0.625
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. STch = 25
°C, Tch ≤ 150°C


Número de pieza similar - RJK4518DPK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RJK4518DPK RENESAS-RJK4518DPK Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK4518DPK-00-T0 RENESAS-RJK4518DPK-00-T0 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK4518DPK RENESAS-RJK4518DPK_10 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK4518DPK RENESAS-RJK4518DPK_15 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Descripción similar - RJK4518DPK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com