Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1205 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TEA1205
Descripción Electrónicos  High efficiency DC/DC converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1205 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1205 Datasheet HTML 4Page - NXP Semiconductors TEA1205 Datasheet HTML 5Page - NXP Semiconductors TEA1205 Datasheet HTML 6Page - NXP Semiconductors TEA1205 Datasheet HTML 7Page - NXP Semiconductors TEA1205 Datasheet HTML 8Page - NXP Semiconductors TEA1205 Datasheet HTML 9Page - NXP Semiconductors TEA1205 Datasheet HTML 10Page - NXP Semiconductors TEA1205 Datasheet HTML 11Page - NXP Semiconductors TEA1205 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Mar 24
8
Philips Semiconductors
Preliminary specification
High efficiency DC/DC converter
TEA1205AT
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611 part E”. The numbers of the quality specification can be found in the “Quality
Reference Handbook”. The handbook can be ordered using the code 9397 750 00192.
CHARACTERISTICS
Tj = −20 to +80 °C; all voltages with respect to ground; positive currents flow into the IC; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Vn
voltage on any pin
shut-down mode
−0.2
+6.5
V
operational mode
−0.2
+5.9
V
Tj
junction temperature
−25
+150
°C
Tamb
operating ambient temperature
−40
+80
°C
Tstg
storage temperature
−65
+125
°C
Ves
electrostatic handling
note 1
−3000
+3000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VO
output voltage
VSEL = LOW
5.23
5.55
5.85
V
VSEL = HIGH
3.13
3.34
3.54
V
Vstart
start-up voltage
1.6
2.0
2.2
V
Efficiency
η
efficiency
up from 2.4 to 3.3 V
1 mA < IL < 1.0 A
8090
95%
up from 3.6 to 5.5 V
1 mA < IL < 1.0 A
8390
94%
Current levels
Iq
quiescent current at pin 3
50
60
70
µA
ISHDWN
shut-down current
210
µA
IlimN
NFET current limit
note 1
0.9 Ilim
Ilim
1.1 Ilim
A
Ilx
max. continuous current at pin 5
−−
1.0
A
Power MOSFETS
RdsON(N)
pin-to-pin resistance NFET
0.08
0.12
0.20
RdsON(P)
pin-to-pin resistance PFET
0.10
0.16
0.25


Número de pieza similar - TEA1205

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1200TS PHILIPS-TEA1200TS Datasheet
104Kb / 24P
   0.95 V starting DC-to-DC converter with low battery indicator
2002 May 14
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1202 PHILIPS-TEA1202 Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1204 PHILIPS-TEA1204 Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
More results

Descripción similar - TEA1205

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
logo
Toshiba Semiconductor
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com