Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1205 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TEA1205
Descripción Electrónicos  High efficiency DC/DC converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1205 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1205 Datasheet HTML 7Page - NXP Semiconductors TEA1205 Datasheet HTML 8Page - NXP Semiconductors TEA1205 Datasheet HTML 9Page - NXP Semiconductors TEA1205 Datasheet HTML 10Page - NXP Semiconductors TEA1205 Datasheet HTML 11Page - NXP Semiconductors TEA1205 Datasheet HTML 12Page - NXP Semiconductors TEA1205 Datasheet HTML 13Page - NXP Semiconductors TEA1205 Datasheet HTML 14Page - NXP Semiconductors TEA1205 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 Mar 24
11
Philips Semiconductors
Preliminary specification
High efficiency DC/DC converter
TEA1205AT
APPLICATION INFORMATION
Fig.8 Complete application for upconversion.
handbook, full pagewidth
MGM701
C1
L1
C2
D1
SENSE
OUT
VO
TEA1205AT
LX
GND
VSEL SYNC SHDWN
VI
ILIM
Rlim
A typical component choice for an upconverter from
3 NiCd cells or one Li-ion cell to 5.0 V in a GSM handset
(peak power 7.5 W, peak current 2.7 A) is (see Fig.8):
• L1 = 10 µH; Isat > 2.3 A; low DC resistance, e.g.
Coilcraft DO3308-103
• C1 = 100 µF; low ESR capacitor; necessity depends on
type of input voltage source
• C2 = 330 µF; ESR = 0.1 Ω; e.g. Sprague 595D series
• D1; medium power Schottky diode; e.g. Philips
PRLL5819.
For lower power applications, the Isat and RDC values of
the inductor can be scaled back by the scaling factor of the
output current from the values above. The same holds for
the ESR value of the output capacitor. A further
improvement is increase of inductance and decrease of
output capacitance.
An additional circuit to prevent start-up deadlock in
upconversion is shown in Fig.9. The function of TR1, R1
and R2 is to put the converter into shut-down mode when
the input source is suddenly disconnected. The circuit
operates as follows. When VI is present, TR1 conducts
and the SHDWN pin is kept LOW. As soon as VI falls below
1 V, TR1 no longer conducts and the device is put into
shut-down before VO falls below 2 V. In the event that a
signal is available which indicates the presence of the
input voltage source, this signal should be applied to the
SHDWN pin. TR1, R1 and R2 should be omitted in that
case.
More application information can be found in the
associated application note.
Fig.9 External deadlock prevention circuit.
handbook, halfpage
MGK930
SHDWN
TR1
R1
1 M
R2
2.7 M
VO
VI


Número de pieza similar - TEA1205

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1200TS PHILIPS-TEA1200TS Datasheet
104Kb / 24P
   0.95 V starting DC-to-DC converter with low battery indicator
2002 May 14
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1202 PHILIPS-TEA1202 Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1204 PHILIPS-TEA1204 Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
More results

Descripción similar - TEA1205

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
logo
Toshiba Semiconductor
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16