Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1401T Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TEA1401T
Descripción Electrónicos  Power plug for the universal mains
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1401T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1401T Datasheet HTML 6Page - NXP Semiconductors TEA1401T Datasheet HTML 7Page - NXP Semiconductors TEA1401T Datasheet HTML 8Page - NXP Semiconductors TEA1401T Datasheet HTML 9Page - NXP Semiconductors TEA1401T Datasheet HTML 10Page - NXP Semiconductors TEA1401T Datasheet HTML 11Page - NXP Semiconductors TEA1401T Datasheet HTML 12Page - NXP Semiconductors TEA1401T Datasheet HTML 13Page - NXP Semiconductors TEA1401T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Mar 07
10
Philips Semiconductors
Preliminary specification
Power plug for the universal mains
TEA1401T
Pulse (maximum) frequency modulator
Rdischarge
discharge resistance to ground
VCPFM = 1.0 V
0.3
0.6
0.9
k
Icharge(min)
minimum charge current
VCV =VCI =0V
2.5
−µA
Icharge(max)
maximum charge current
VCV =VCI =4V
130
−µA
Icharge(fix)
fixed charge current
active stroke
25
−µA
GtransferCI
transfer from pin CI to pin CPFM
VCI = 2.1 to 3.1 V
−−104 −µA/V
GtransferCV
transfer from pin CV to pin CPFM
VCV = 2.1 to 3.1 V
−−104 −µA/V
Vsw(high)
high switching voltage level at
pin CPFM
1.0
V
Vsw(low)
low switching voltage level at
pin CPFM
DC at pin CPFM
0.17
V
Vton(max)
maximum on-time ton(max) switching
voltage level at pin CPFM
0.54
V
∆fPFM
frequency spread of the internal
oscillator;
;
VCI =VCV = 2.1 to 3.1 V 93
104
115
µA/V2
∆ton(max)
spread of ton(max);
VCI =VCV =4V;
VSOURCE <1V
19
22
25
V/mA
SOPS
Vdemag
demagnetization recognition voltage
level
−250 −130 −10
mV
Current regulation
Vi(pkc)
VPEAK-I converter input voltage
0.6
1.4
V
Vi(pkc)(slope)
VPEAK-I converter input voltage slope
0.1
1.0
V/
µs
Vpkc(offset)
VPEAK-I converter systematic offset
−−13
mV
Itransfer(RI-CI)
RI to CI current transfer
IGOUT =0
−−0.99 −
A/A
Itransfer(GOUT-CI)
GOUT to CI current transfer
IRI =0
0.17
A/A
IPEAKcor
current through sense capacitor in
block ‘IPEAK correction’ (see Fig.1);
sunk by pin FOLDBACK
under test conditions: in
lasting active stroke
710
13
µA
Ichain(CI)
CI chain error current
−3.3
−1.0
+1.3
µA
Ictrl(error)
current control total measured error
−5
+5
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
G
transferCI
V
sw(high)
------------------------
G
transferCV
V
sw(high)
--------------------------
V
ton(max)
I
charge(fix)
-----------------------
dV
SOURCE
dt
---------------------------
0.1 V/
µs
>


Número de pieza similar - TEA1401T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRACO Electronic AG
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505 TRACOPOWER-TEA1-0505 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505E TRACOPOWER-TEA1-0505E Datasheet
2Mb / 3P
   TEA 1E Series, 1 Watt
Rev. November 30, 2022
TEA1-0505HI TRACOPOWER-TEA1-0505HI Datasheet
1Mb / 3P
   TEA 1HI Series, 1 Watt
Rev. November 30, 2022
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
More results

Descripción similar - TEA1401T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
C42-W SURGE-C42-W Datasheet
2Mb / 6P
   For connection in series with the mains
logo
Schurter Inc.
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
422U SCHURTER-422U Datasheet
336Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
4370 SCHURTER-4370 Datasheet
297Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Straight
422U SCHURTER-422U_V01 Datasheet
390Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
logo
ITT Industries
NE18 ITT-NE18 Datasheet
999Kb / 9P
   Mains / Power Switches
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
logo
Schurter Inc.
2228 SCHURTER-2228 Datasheet
214Kb / 1P
   Power Cord with Contour Power (Mains) Plug 2-pole, Straight
logo
STMicroelectronics
AN1324 STMICROELECTRONICS-AN1324 Datasheet
122Kb / 15P
   CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
logo
List of Unclassifed Man...
CA3LS ETC2-CA3LS Datasheet
90Kb / 1P
   Connectors for mains connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com