Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1501 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TEA1501
Descripción Electrónicos  Greeny; GreenChip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1501 Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA1501 Datasheet HTML 1Page - NXP Semiconductors TEA1501 Datasheet HTML 2Page - NXP Semiconductors TEA1501 Datasheet HTML 3Page - NXP Semiconductors TEA1501 Datasheet HTML 4Page - NXP Semiconductors TEA1501 Datasheet HTML 5Page - NXP Semiconductors TEA1501 Datasheet HTML 6Page - NXP Semiconductors TEA1501 Datasheet HTML 7Page - NXP Semiconductors TEA1501 Datasheet HTML 8Page - NXP Semiconductors TEA1501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Aug 19
5
Philips Semiconductors
Preliminary specification
Greeny; GreenChip
TEA1501
FUNCTIONAL DESCRIPTION
The TEA1501 contains a high voltage power switch, a high
voltage startup circuit and low voltage control circuitry on
the same IC. Together with a transformer and a few
external components a low power, isolated, flyback
converter can be built. The Greeny system operates in a
burst mode. During each burst period the output voltage is
regulated to a desired voltage level.
System operation
ON/OFF
The Greeny system can be switched on and off by means
of a low cost, low voltage switch. In the Off mode the
startup current source and power switch are disabled. In
the On mode, Greeny delivers the startup current for the
supply capacitor and after the supply voltage reaches the
startup level Greeny activates the power switch.
STARTUP
The startup is realized with a high voltage startup current
source instead of a dissipative bleeder resistor which is
commonly used by low voltage control ICs. When Greeny
is switched on, the startup current source is enabled and
starts charging the Vaux capacitor. The startup current
level is high and accurate (typical 1.8 mA) which results in
a well-defined and short startup time, within 0.25 s. After
the supply voltage reaches the startup level the current
source is switched off and the Vaux capacitor supplies the
chip. Reducing the power dissipation in the current source
to zero after startup is one of the green features of Greeny.
OPERATION
After startup the flyback converter starts delivering energy
to the secondary and auxiliary winding. The Greeny
system works with fixed switching frequency and fixed
peak current.
As all the windings of the flyback transformer have the
same flux variation, the secondary voltage and the
auxiliary voltage are related via the turns-ratio (ns/na).
Therefore, the isolated secondary voltage is controlled by
the non-isolated auxiliary voltage.
The burst mode operates by switching at high frequency
until the Vaux voltage reaches its regulation level of 20 V.
Greeny stops switching until the time period set by the
burst oscillator has expired. At the start of the next burst
period Greeny starts switching at high frequency and
repeats the cycle again.
To guarantee a stable operation in a burst mode controlled
system a Vaux slope compensation circuit is integrated in
Greeny. The Greeny system delivers a constant voltage to
the secondary load until a burst duty cycle of 40%.
DATA TRANSFER
The TEA1501 has a data transfer function which makes
communication from the isolated secondary side to the
non-isolated primary side of the transformer possible,
without using an opto-coupler. This communication
function is activated by increasing the secondary load.
With this data transfer function a main power supply can
be switched on and off by the Greeny system.
The power delivered to the secondary and auxiliary
winding is proportional to the number of primary current
pulses per burst period, provided that the converter
operates in discontinuous conduction mode. During each
burst period the number of primary current pulses is
counted. A threshold (Ndata) of 56 pulses is integrated. The
clamp level on the OOD pin is set to data-on level from
data-off level in case the Ndata threshold is passed. This
data-on clamp level can be sensed by the on/off input of a
main supply control IC of the GreenChip
™ family. The
data-on clamp level is maintained until a burst appears
with a number of pulses below the Ndata threshold.


Número de pieza similar - TEA1501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AP PHILIPS-TEA1506AP Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AT PHILIPS-TEA1506AT Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506P PHILIPS-TEA1506P Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
More results

Descripción similar - TEA1501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1742T PHILIPS-TEA1742T Datasheet
99Kb / 17P
   GreenChip PFC controller
Rev. 01-10 February 2009
TEA1566 PHILIPS-TEA1566 Datasheet
170Kb / 24P
   GreenChip; SMPS module
1999 Apr 20
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com