Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA5582 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TEA5582
Descripción Electrónicos  PLL stereo decoder BTSC system
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5582 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA5582 Datasheet HTML 4Page - NXP Semiconductors TEA5582 Datasheet HTML 5Page - NXP Semiconductors TEA5582 Datasheet HTML 6Page - NXP Semiconductors TEA5582 Datasheet HTML 7Page - NXP Semiconductors TEA5582 Datasheet HTML 8Page - NXP Semiconductors TEA5582 Datasheet HTML 9Page - NXP Semiconductors TEA5582 Datasheet HTML 10Page - NXP Semiconductors TEA5582 Datasheet HTML 11Page - NXP Semiconductors TEA5582 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
July 1990
11
Philips Semiconductors
Product specification
PLL stereo decoder (BTSC system)
TEA5582
PACKAGE OUTLINE
UNIT
A
max.
1
2
b1
cD
E
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT146-1
92-11-17
95-05-24
A
min.
A
max.
b
Z
max.
w
M E
e 1
1.73
1.30
0.53
0.38
0.36
0.23
26.92
26.54
6.40
6.22
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
2.0
4.2
0.51
3.2
0.068
0.051
0.021
0.015
0.014
0.009
1.060
1.045
0.25
0.24
0.14
0.12
0.01
0.10
0.30
0.32
0.31
0.39
0.33
0.078
0.17
0.020
0.13
SC603
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
20
1
11
10
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
(1)
DIP20: plastic dual in-line package; 20 leads (300 mil)
SOT146-1


Número de pieza similar - TEA5582

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
TEA5581T PHILIPS-TEA5581T Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
More results

Descripción similar - TEA5582

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE7116 NTE-NTE7116 Datasheet
37Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com