Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40193 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40193
Descripción Electrónicos  4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40193 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40193 Datasheet HTML 1Page - Texas Instruments TPS40193 Datasheet HTML 2Page - Texas Instruments TPS40193 Datasheet HTML 3Page - Texas Instruments TPS40193 Datasheet HTML 4Page - Texas Instruments TPS40193 Datasheet HTML 5Page - Texas Instruments TPS40193 Datasheet HTML 6Page - Texas Instruments TPS40193 Datasheet HTML 7Page - Texas Instruments TPS40193 Datasheet HTML 8Page - Texas Instruments TPS40193 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS40192, TPS40193
SLUS719 – MARCH 2007
TJ = –40°C to 85°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
0
°C ≤ T
J ≤ 85°C
588
591
594
VFB
Feedback voltage range
mV
-40
°C ≤ T
J ≤ 85°C
585
591
594
INPUT SUPPLY
VVDD
Input voltage range
4.5
18.0
V
VENABLE = 3 V
2.5
4.0
mA
IVDD
Operating current
VENABLE = 0.6 V
45
70
μA
ON BOARD REGULATOR
V5VBP
Output voltage
VVDD > 6 V, I5VBP ≤ 10 mA
5.1
5.3
5.5
V
VDO
Regulator dropout voltage
VVDD - VBP5 , VVDD = 5 V, IBP5 ≤ 25 mA
350
550
mV
ISC
Regulator current limit threshold
50
mA
IBP5
Average current
50
OSCILLATOR
TPS40193
240
300
360
fSW
Switching frequency
kHz
TPS40192
500
600
700
VRMP
Ramp amplitude(1)
1
V
PWM
DMAX
Maximum duty cycle(1)
85%
tON(min)
Minimum controlled pulse(1)
110
HDRV off to LDRV on
50
ns
tDEAD
Output driver dead time
LDRV off to HDRV on
25
SOFT-START
tSS
Soft-start time
3
4
6
tSSDLY
Soft-start delay time
2
ms
tREG
Time to regulation
6
ERROR AMPLIFIER
GBWP
Gain bandwidth product(1)
7
10
MHz
AOL
DC gain(1)
60
dB
Input bias current (current out of FB
IIB
100
nA
pin)
IEAOP
Output source current
VFB = 0 V
1
mA
IEAOM
Output sink current
VFB = 2 V
1
SHORT CIRCUIT PROTECTION
tPSS(min)
Minimum pulse during short circuit(1)
250
ns
tBLNK
Blanking time(1)
60
90
120
tOFF
Off-time between restart attempts
30
50
ms
RCOMP(GND) = OPEN, TJ = 25°C
160
200
240
Short circuit comparator threshold
VILIM
RCOMP(GND) = 4 kΩ, TJ = 25°C
80
100
120
voltage
mV
RCOMP(GND) = 12 kΩ, TJ = 25°C
228
280
342
Short circuit threshold voltage on
VILIMH
TJ = 25°C
400
550
650
high-side MOSFET
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback


Número de pieza similar - TPS40193

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40193 TI-TPS40193 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40193 TI1-TPS40193 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40193 TI1-TPS40193 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40193DRCR TI-TPS40193DRCR Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40193DRCR TI1-TPS40193DRCR Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results

Descripción similar - TPS40193

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Texas Instruments
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Microchip Technology
MCP16323T-ADJE MICROCHIP-MCP16323T-ADJE Datasheet
1Mb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com