Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40192DRCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40192DRCT
Descripción Electrónicos  4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40192DRCT Datasheet(HTML) 1 Page - Texas Instruments

  TPS40192DRCT Datasheet HTML 1Page - Texas Instruments TPS40192DRCT Datasheet HTML 2Page - Texas Instruments TPS40192DRCT Datasheet HTML 3Page - Texas Instruments TPS40192DRCT Datasheet HTML 4Page - Texas Instruments TPS40192DRCT Datasheet HTML 5Page - Texas Instruments TPS40192DRCT Datasheet HTML 6Page - Texas Instruments TPS40192DRCT Datasheet HTML 7Page - Texas Instruments TPS40192DRCT Datasheet HTML 8Page - Texas Instruments TPS40192DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.ti.com
FEATURES
CONTENTS
DESCRIPTION
APPLICATIONS
1
2
3
4
10
9
8
7
HDRV
SW
BOOT
LDRV
ENABLE
FB
COMP
VDD
TPS40192/3
5
6
BP5
PGD
11
GND
UDG−06063
VOUT
ON/OFF
External Logic
Supply
5V or Less,
or BP5
VIN
VOUT
TPS40192, TPS40193
SLUS719 – MARCH 2007
4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
• Input Operating Voltage Range: 4.5 V to 18 V
Device Ratings
2
• Up to 20 A Output Currents
Electrical Characteristics
4
• Supports Pre-Biased Outputs
Typical Characteristics
6
• 0.5% 0.591 V Reference
• 600 kHz (TPS40192) and 300 kHz (TPS40193)
Terminal Information
9
Switching Frequencies
Application Information
11
• Three Selectable Thermally Compensated
Design Example
17
Short Circuit Protection Levels
Additional References
27
• Hiccup Restart from Faults
• Internal 5-V Regulator
• High and Low side FET RDS
ON Current
Sensing
TPS40192
and
TPS40193
are
cost-optimized
synchronous buck controllers that operate from 4.5 V
• 10-Pin 3 mm × 3 mm SON Package
to 18 V input. These controllers implement a
• Internal 4-ms Soft-Start Time
voltage-mode control architecture with the switching
• Thermal Shutdown Protection at 145°C
frequency fixed at either 600 kHz (TPS40192) or 300
kHz (TPS40193). The higher switching frequency
facilitates the use of smaller inductor and output
capacitors,
thereby
providing
a
compact
• Cable Modem CPE
power-supply
solution.
An
adaptive
anti-cross
• Digital Set Top Box
conduction scheme is used to prevent shoot through
• Graphics/Audio Cards
current in the power FETs.
• Entry Level and Mid-Range Servers
SIMPLIFIED APPLICATION DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS40192DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40192DRCT TI-TPS40192DRCT Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCT TI1-TPS40192DRCT Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192DRCTG4 TI-TPS40192DRCTG4 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCTG4 TI1-TPS40192DRCTG4 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results

Descripción similar - TPS40192DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Texas Instruments
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Microchip Technology
MCP16323T-ADJE MICROCHIP-MCP16323T-ADJE Datasheet
1Mb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com