Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62260DRVRG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS62260DRVRG4
Descripción Electrónicos  2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62260DRVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62260DRVRG4 Datasheet HTML 1Page - Texas Instruments TPS62260DRVRG4 Datasheet HTML 2Page - Texas Instruments TPS62260DRVRG4 Datasheet HTML 3Page - Texas Instruments TPS62260DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS62260DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS62260DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS62260DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS62260DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS62260DRVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VIN
GND
EN
FB
SW
TPS62260DRV
L
R1
R2
C
10 F
OUT
m
VOUT
MODE
C
4.7 F
IN
m
2.2 H
m
C
22pF
1
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I -OutputCurrent-mA
O
V =2.3V
IN
V =2.7V
IN
V =3V
IN
V =3.6V
IN
V =4.5V
IN
V
=1.8V,
MODE=GND,
L =2.2 H,
DCR110mR
OUT
m
TPS62260, TPS62261, TPS62262
SLVS763 – JUNE 2007
2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
• High Efficiency Step Down Converter
The TPS62260 device is a high efficient synchronous
step down dc-dc converter optimized for battery
• Output Current up to 600 mA
powered applications. It provides up to 600-mA
• Wide V
IN Range from 2 V to 6 V for Li-Ion
output current from a single Li-Ion cell and is ideal to
Batteries with Extended Voltage Range
power
mobile
phones
and
other
portable
• 2.25 MHz Fixed Frequency Operation
applications.
• Power Save Mode at Light Load Currents
With an wide input voltage range of 2 V to 6 V, the
• Output Voltage Accuracy in PWM mode ±1.5%
device supports applications powered by Li-Ion
batteries with extended voltage range, two and three
• Typ. 15 µA Quiescent Current
cell alkaline batteries, 3.3 V and 5 V input voltage
• 100% Duty Cycle for Lowest Dropout
rails.
• Soft Start
The TPS62260 operates at 2.25 MHz fixed switching
• Voltage Positioning at Light Loads
frequency and enters Power Save Mode operation at
• Available in a small 2×2×0,8mm SON and
light load currents to maintain high efficiency over
TSOT-23 package
the entire load current range.
• Allows <1mm Solution Height
The Power Save Mode is optimized for low output
voltage ripple. For low noise applications, the device
can be forced into fixed frequency PWM mode by
pulling the MODE pin high. In the shutdown mode,
• PDAs, Pocket PCs
the current consumption is reduced to less than 1
µA.
• Low Power DSP Supply
TPS62260 allows the use of small inductors and
• Portable Media Players
capacitors to achieve a small solution size.
• POL applications
The TPS62260 is available in a very small 2
×2 6 pin
SON and TSOT-23 5 pin package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS62260DRVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62260DRVRG4 TI-TPS62260DRVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
More results

Descripción similar - TPS62260DRVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com