Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8570AEITAF29Z Datasheet(PDF) 6 Page - Analog Microelectronics

No. de pieza AME8570AEITAF29Z
Descripción Electrónicos  mProcessor Supervisory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570AEITAF29Z Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8570AEITAF29Z Datasheet HTML 2Page - Analog Microelectronics AME8570AEITAF29Z Datasheet HTML 3Page - Analog Microelectronics AME8570AEITAF29Z Datasheet HTML 4Page - Analog Microelectronics AME8570AEITAF29Z Datasheet HTML 5Page - Analog Microelectronics AME8570AEITAF29Z Datasheet HTML 6Page - Analog Microelectronics AME8570AEITAF29Z Datasheet HTML 7Page - Analog Microelectronics AME8570AEITAF29Z Datasheet HTML 8Page - Analog Microelectronics AME8570AEITAF29Z Datasheet HTML 9Page - Analog Microelectronics AME8570AEITAF29Z Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AME, Inc.
µProcessor Supervisory
AME8570
6
Rev. A.01
n Absolute Maximum Ratings
n Recommended Operating conditions
n Thermal Information
Note: Caution: Stress above the listed in absolute maximum ratings may cause permanent damage to the device.
* HBM B: 2000V ~ 3999V
Parameter
Maximum
Unit
Supply Voltage
6
V
Input Current, VIN
Output Current, RESET, RESETB
ESD Classification
B*
20
mA
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to 85
Junction Temperature Range
TJ
- 40 to 125
Storage Temperature Range
TSTG
- 65 to 150
OC
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Parameter
Package
Die Attach
Symbol Maximum
Unit
Thermal Resistance*
(Junction to Case)
SOT-23
θJC
140
Thermal Resistance
(Junction to Ambient)
SOT-23
θJA
280
Internal Power Dissipation
SOT-23
PD
400
mW
350
oC
Solder Iron (10 Sec) **
Non-Conductive
Epoxy
oC / W


Número de pieza similar - AME8570AEITAF29Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results

Descripción similar - AME8570AEITAF29Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com