Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA6300 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TEA6300
Descripción Electrónicos  Sound fader control circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6300 Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA6300 Datasheet HTML 1Page - NXP Semiconductors TEA6300 Datasheet HTML 2Page - NXP Semiconductors TEA6300 Datasheet HTML 3Page - NXP Semiconductors TEA6300 Datasheet HTML 4Page - NXP Semiconductors TEA6300 Datasheet HTML 5Page - NXP Semiconductors TEA6300 Datasheet HTML 6Page - NXP Semiconductors TEA6300 Datasheet HTML 7Page - NXP Semiconductors TEA6300 Datasheet HTML 8Page - NXP Semiconductors TEA6300 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
May 1990
2
Philips Semiconductors
Product specification
Sound fader control circuit
TEA6300
TEA6300T
GENERAL DESCRIPTION
The Sound Fader Control circuit (SOFAC) is an I2C-bus
controlled preamplifier for car radios.
Features
• Source selector for three stereo inputs
• Inputs and outputs for noise reduction circuits
• Volume and balance control; control range of 86 dB in
steps of 2 dB
• Bass and treble control from + 15 dB (treble 12 dB)
to
−12 dB in steps of 3 dB
• Fader control from 0 dB to −30 dB in steps of 2 dB
• Fast muting
• Low noise suitable for DOLBY* B and C NR (noise
reduction)
• Signal handling suitable for compact disc
• I2C-bus control for all functions
• ESD protected
QUICK REFERENCE DATA
* Dolby is a registered trademark of Dolby Laboratories Licensing Corporation, San Francisco, California (U.S.A.).
PACKAGE OUTLINES
28-lead dual in-line; plastic (SOT117); SOT117-1; 1996 August 15.
28-lead mini-pack; plastic (SO28; SOT136A); SOT136-1; 1996 August 15.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
Supply voltage
7,0
8,5
13,2
V
Vi(rms)
Input sensitivity for full power at the output stage
50
mV
Vi(rms)
Input signal handling
1,65
V
fr
Frequency response
35
20 000
Hz
α
CS
Channel separation; f = 250 Hz to 10 kHz
70
92
dB
THD
Total harmonic distortion
0,05
%
(S
+N)/N
Signal plus noise-to-noise ratio
80
dB
Tamb
Operating ambient temperature range
−40
−+ 85
°C


Número de pieza similar - TEA6300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Descripción similar - TEA6300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com