Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE83502 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

No. de pieza PE83502
Descripción Electrónicos  3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83502 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  PE83502_06 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
PE83502
Page 6 of 8
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0125-02
│ UltraCMOS™ RFIC Solutions
Figure 11. Package Drawing
8-lead MSOP
FRONT VIEW
2.95±0.10
0.08
A B C
0.33+0.07
-0.08
0.10 A
0.10±0.05
3.00±0.10
0.86±0.08
1.10 MAX
- C -
- A -
1
0.65BSC
0.51±0.13
2.45±0.10
0.51±0.13
2X
8
3.00±0.10
.25 A B C
23
4
- B -
.525BSC
TOP VIEW
5
6
7
4.90±0.15
3.00±0.10
SIDE VIEW
2.95±0.10


Número de pieza similar - PE83502_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Peregrine Semiconductor...
PE83502-EK PEREGRINE-PE83502-EK Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
More results

Descripción similar - PE83502_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Peregrine Semiconductor...
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83511 PEREGRINE-PE83511_06 Datasheet
262Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE9309 PEREGRINE-PE9309 Datasheet
218Kb / 6P
   3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE9309 PSEMI-PE9309 Datasheet
221Kb / 6P
   3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com