Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB-SLD-J1 Datasheet(PDF) 11 Page - DOMINANT Semiconductors

No. de pieza SMB-SLD-J1
Descripción Electrónicos  SpiceLED InGaN M-Spice
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DOMINANT [DOMINANT Semiconductors]
Página de inicio  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMB-SLD-J1 Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button SMB-SLD-J1 Datasheet HTML 4Page - DOMINANT Semiconductors SMB-SLD-J1 Datasheet HTML 5Page - DOMINANT Semiconductors SMB-SLD-J1 Datasheet HTML 6Page - DOMINANT Semiconductors SMB-SLD-J1 Datasheet HTML 7Page - DOMINANT Semiconductors SMB-SLD-J1 Datasheet HTML 8Page - DOMINANT Semiconductors SMB-SLD-J1 Datasheet HTML 9Page - DOMINANT Semiconductors SMB-SLD-J1 Datasheet HTML 10Page - DOMINANT Semiconductors SMB-SLD-J1 Datasheet HTML 11Page - DOMINANT Semiconductors SMB-SLD-J1 Datasheet HTML 12Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
23/02/2006 V1.0
11
Recommended Sn-Pb IR-Reflow Soldering Profile
275
250
225
200
175
150
125
100
75
50
25
0
50
100
150
200
183˚C
Ramp-up
3˚C/sec max.
235-240˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-120s
360s max
Time (sec)
Classification Reflow Profile (JEDEC J-STD-020C)
0
50
100
150
200
300
250
225
200
175
150
125
100
75
50
25
275
Classification Reflow Profile (JEDEC J-STD-020C)
Ramp-up
3˚C/sec max.
255-260˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-180s
480s max
217˚C
Recommended Pb-free Soldering Profile
InGaN M-Spice : SMx-SLD
DOMINANT TM
Semiconductors
Innovating Illumination


Número de pieza similar - SMB-SLD-J1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HuaXinAn Electronics CO...
SMB-102M HUAXINAN-SMB-102M Datasheet
294Kb / 5P
   SMB Series
SMB-141N HUAXINAN-SMB-141N Datasheet
193Kb / 2P
   Surge Absorbers
logo
SUNMATE electronic Co.,...
SMB-141N SUNMATE-SMB-141N Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS TUBE
logo
HuaXinAn Electronics CO...
SMB-141N HUAXINAN-SMB-141N Datasheet
294Kb / 5P
   SMB Series
SMB-141N HUAXINAN-SMB-141N_V01 Datasheet
294Kb / 5P
   SMB Series
More results

Descripción similar - SMB-SLD-J1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DOMINANT Semiconductors
SMT-ULD-ST1-1 DOMINANT-SMT-ULD-ST1-1 Datasheet
619Kb / 11P
   SpiceLED InGaN M-Spice
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-ULD DOMINANT-SMW-ULD Datasheet
610Kb / 12P
   SpiceLED InGaN White M-Spice
SST-SLD-L2N1-1 DOMINANT-SST-SLD-L2N1-1 Datasheet
788Kb / 12P
   SpiceLED InGaN S-Spice
SST-ULD-ST1-1 DOMINANT-SST-ULD-ST1-1 Datasheet
784Kb / 11P
   SpiceLED InGaN S-Spice
SSW-SLD DOMINANT-SSW-SLD Datasheet
778Kb / 12P
   SpiceLED InGaN White S-Spice
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
   SpiceLED InGaN White S-Spice
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com