Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LC101 Datasheet(Hoja de datos) 10 Page - Seoul Semiconductor

No. de Pieza. LC101
Descripción  RED OVAL LAMP LED
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo 

 
 10 page
background image
-10-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LR770D
2) Tapping Outline Dimensions
Po
Do
F
P
0±1.3
0±2.0
φ
4.0±0.5
5.0±0.5
12.7±0.3
12.7±0.5
9.0±0.5
1.0±0.5
13.0±0.3
18.0 +1.0
W2
Do
W1
F
Wo
Po
W
P
Ho*
Package Dimensions (unit : mm)
-0.5
1 Box contain quantity.
* Remark
: Ho - users define.
∗ 3φ Lamp Series : 3000pcs
*
5φ Lamp Series : 2000pcs




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LR770DRED OVAL LAMP LED 1 2 3 4 5 MoreSeoul Semiconductor
ELD-640-523-1Red AlInGaP/GaAs LED lamp 1 List of Unclassifed Manufacturers
LT770DGREEN OVAL LAMP LED 1 2 3 4 5 MoreSeoul Semiconductor
MSD51TA-XHIGH BRIGHTNESS RED LED LAMP 1 Micro Electronics
L1619OVAL BI-COLOR LED LAMP 1 2 3 Kingbright Corporation
AA3528SURCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP1608MBC1.6X0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APA3010CGCK3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APTC2012EC2.0x1.25mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APTD3216PBC3.2 x 1.6mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl