Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2625ALS Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza 2SK2625ALS
Descripción Electrónicos  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2625ALS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK2625ALS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2625ALS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2625ALS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2625ALS Datasheet HTML 4Page - Sanyo Semicon Device 2SK2625ALS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK2625ALS
No. A0359-1/5
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0359A
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
22107 TI IM TC-00000530 / 72006QB MS IM TC-00000029
SANYO Semiconductors
DATA SHEET
2SK2625ALS
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
Features
Low ON-resistance.
Low Qg.
Ultrahigh-speed switching.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
600
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
IDc*1
Limited only by maximum temperature
5
A
IDpack*2
SANYO’s ideal heat dissipation condition
4.4
A
Drain Current (Pulse)
IDP
PW≤10µs, duty cycle≤1%
16
A
Allowable Power Dissipation
PD
2.0
W
Tc=25°C (SANYO’s ideal heat dissipation condition)
30
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *3
EAS
87
mJ
Avalanche Current *4
IAV
4A
*1 Shows chip capability
*2 Package limited
*3 VDD=50V, L=10mH, IAV=4A
*4 L≤10mH, single pulse
Marking : K2625


Número de pieza similar - 2SK2625ALS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK2625 SANYO-2SK2625 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
2SK2625LS SANYO-2SK2625LS Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Inchange Semiconductor ...
2SK2625LS ISC-2SK2625LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2625ALS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com