Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2617ALS Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza 2SK2617ALS
Descripción Electrónicos  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2617ALS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK2617ALS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2617ALS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2617ALS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2617ALS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2617ALS
No. A0361-3/4
IDP=16A
PW
10µs
Operation in this area
is limited by RDS(on).
100
µs
100ms
10ms
1ms
DC
operation
10µ
s
IDc(*1)=5A
IDpack(*2)=4.5A
*1. Shows chip capability
*2. SANYO’s ideal heat dissipation condition
0.1
1.0
10
0.01
2
3
5
7
2
3
5
7
2
3
2
5
7
3
IT10849
1.0
23
5
7 10
23
5
7
7
100
23
5
A S O
IS -- VSD
SW Time -- ID
yfs -- ID
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
0.001
0.01
0.1
10
1.0
2
7
3
5
2
7
3
5
2
7
3
5
2
7
3
5
2
7
3
5
100
00.3
0.6
0.9
1.2
1.5
IT05196
10
1.0
3
72
5
7
100
2
7
3
5
7
IT05197
IT05195
0.1
0.1
1.0
10
23
5
7
2
3
5
7
10
1.0
3
5
7
2
7
5
3
2
td(on)
75°
C
VDS=10V
Tc=
--25
°C
25°
C
VGS=0V
tr
td(off)
tf
VDD=200V
VGS=15V
Tc=25
°C
Single pulse
RDS(on) -- VGS
RDS(on) -- Tc
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
04
26
8
10
12
1.0
2.0
1.5
3.5
3.0
2.5
4.0
0.5
16
14
18
20
IT05193
Tc=25
°C
2A
ID=4A
1A
IT05194
--50
--25
0
2550
75
100
125
0.1
2.8
3.1
2.2
2.5
1.3
1.6
1.9
0.7
1.0
0.4
3.4
I D
=2A,
V GS
=10V
I D
=2A,
V GS
=15V
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
0
0
6
5
7
2
4
3
2
1
10
8
46
IT05191
VGS=6V
7V
8V
15V
10V
0
1
2
3
4
5
8
7
6
05
10
15
20
IT05192
VDS=10V
Tc= --25°C
75
°C
Tc=25
°C
25
°C


Número de pieza similar - 2SK2617ALS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2617ALS ISC-2SK2617ALS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2617ALS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com