Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4297A Datasheet(PDF) 11 Page - Cirrus Logic

No. de pieza CS4297A
Descripción Electrónicos  CrystalClear짰 SoundFusion??Audio Codec ??7
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4297A_06 Datasheet HTML 7Page - Cirrus Logic CS4297A_06 Datasheet HTML 8Page - Cirrus Logic CS4297A_06 Datasheet HTML 9Page - Cirrus Logic CS4297A_06 Datasheet HTML 10Page - Cirrus Logic CS4297A_06 Datasheet HTML 11Page - Cirrus Logic CS4297A_06 Datasheet HTML 12Page - Cirrus Logic CS4297A_06 Datasheet HTML 13Page - Cirrus Logic CS4297A_06 Datasheet HTML 14Page - Cirrus Logic CS4297A_06 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
CS4297A
11
data in its Slot 2. Write operations are similar, with
the register index in Slot 1 and the write data in Slot
2 of a SDATA_OUT frame. The function of each
input and output frame is detailed in Section 3,
AC Link Frame Definition. Individual register de-
scriptions are found in Section 4, Register Inter-
face.
2.3
Output Mixer
The CS4297A has two output mixers, illustrated in
Figure 8. The stereo output mixer sums together
the analog inputs to the CS4297A, including the
PC_BEEP and PHONE signals, according to the
settings in the volume control registers. The stereo
output mix is sent to the LINE_OUT and
ALT_LINE_OUT pins on the CS4297A. The
mono output mixer generates a monophonic sum of
the left and right channels from the stereo input
mixer. The mono output mix is sent to the
MONO_OUT output pin on the CS4297A.
2.4
Input Mux
The input multiplexer controls which analog input
is sent to the ADCs. The output of the input mux is
converted to stereo 18-bit digital PCM data and
sent to the controller by means of the AC-link
SDATA_IN signal.
2.5
Volume Control
The CS4297A volume registers control analog in-
put levels to the input mixer and analog output lev-
els, including the master volume level, and the
alternate volume level. The PC_BEEP volume con-
trol uses 3 dB steps with a range of 0 dB to -45 dB
attenuation. All other analog volume controls use
1.5 dB steps. The analog inputs have a mixing
range of +12 dB signal gain to -34.5 dB signal at-
tenuation. The analog output volume controls have
from 0 dB to -94.5 dB attenuation for LINE_OUT
and from 0 dB to -46.5 dB attenuation for
ALT_LINE_OUT and MONO_OUT.
DS318PP6
11
CS4297A


Número de pieza similar - CS4297A_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4297A-JQ CIRRUS-CS4297A-JQ Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297A-KQ CIRRUS-CS4297A-KQ Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
More results

Descripción similar - CS4297A_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4205 CIRRUS-CS4205_05 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com