Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4299-KQZ Datasheet(PDF) 11 Page - Cirrus Logic

No. de pieza CS4299-KQZ
Descripción Electrónicos  CrystalClear SoundFusion Audio Codec 97
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299-KQZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4299-KQZ Datasheet HTML 7Page - Cirrus Logic CS4299-KQZ Datasheet HTML 8Page - Cirrus Logic CS4299-KQZ Datasheet HTML 9Page - Cirrus Logic CS4299-KQZ Datasheet HTML 10Page - Cirrus Logic CS4299-KQZ Datasheet HTML 11Page - Cirrus Logic CS4299-KQZ Datasheet HTML 12Page - Cirrus Logic CS4299-KQZ Datasheet HTML 13Page - Cirrus Logic CS4299-KQZ Datasheet HTML 14Page - Cirrus Logic CS4299-KQZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
CS4299
11
Slot 2. Write operations are similar, with the regis-
ter index in Slot 1 and the write data in Slot 2 of a
SDATA_OUT frame. The function of each input
and output frame is detailed in Section 3, AC Link
Frame Definition. Individual register descriptions
are found in Section 4, Register Interface.
2.3
Sample Rate Converters
The Sample Rate Converters (SRCs) provide high
accuracy digital filters supporting sample frequen-
cies other than 48 kHz to be captured from the
CS4299 or played from the controller. AC ’97 re-
quires support for two audio rates (44.1 and
48kHz). In addition, the Intel® I/O Controller Hub
(ICHx) specification requires support for five more
audio rates (8, 11.025, 16, 22.05, and 32). The
CS4299 supports all these rate, as shown in Table 7
on page 29.
2.4
Output Mixer
The CS4299 has two output mixers, illustrated in
Figure 8. The stereo output mixer sums together
the analog inputs to the CS4299, including the
PC_BEEP and PHONE signals, according to the
settings in the volume control registers. The stereo
output mix is sent to the LINE_OUT and
ALT_LINE_OUT pins on the CS4299. The mono
output mixer generates a monophonic sum of the
left and right channels from the stereo input mixer.
The mono output mix is sent to the MONO_OUT
output pin on the CS4299.
2.5
Input Mux
The input multiplexer controls which analog input
is sent to the ADCs. The output of the input mux is
converted to stereo 18-bit digital PCM data and
sent to the controller by means of the AC-link
SDATA_IN signal.
2.6
Volume Control
The CS4299 volume registers control analog input
levels to the input mixer and analog output levels,
including the master volume level, and the alternate
volume level. The PC_BEEP volume control uses
3 dB steps with a range of 0 dB to -45 dB attenua-
tion. All other analog volume controls use 1.5 dB
steps. The analog inputs have a mixing range of
+12 dB signal gain to -34.5 dB signal attenuation.
The analog output volume controls have from 0 dB
to -94.5 dB attenuation for LINE_OUT and from
0 dB to -46.5 dB attenuation for ALT_LINE_OUT
and MONO_OUT.
DS319PP6
11
CS4299


Número de pieza similar - CS4299-KQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4299-KQ CIRRUS-CS4299-KQ Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
More results

Descripción similar - CS4299-KQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 80P
   CrystalClear Audio Codec 97 with Portable Computing
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
   CrystalClear SoundFusion PCI Audio Accelerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com